Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F334C8U6TR Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32F334C8U6TR
Description  Arm®Cortex®-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334C8U6TR Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32F334C8U6TR Datasheet HTML 86Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 87Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 88Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 89Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 90Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 91Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 92Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 93Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 125 page
background image
Electrical characteristics
STM32F334x4 STM32F334x6 STM32F334x8
90/125
DS9994 Rev 9
fADC
ADC clock frequency
-
0.14
-
72
MHz
fS(1)
Sampling rate
Resolution = 12 bits,
Fast Channel
0.01
-
5.14
Msps
Resolution = 10 bits,
Fast Channel
0.012
-
6
Resolution = 8 bits,
Fast Channel
0.014
-
7.2
Resolution = 6 bits,
Fast Channel
0.0175
-
9
fTRIG(1) External trigger frequency
fADC = 72 MHz
Resolution = 12 bits
-
-
5.14
MHz
Resolution = 12 bits
-
-
14
1/fADC
VAIN
Conversion voltage range
-
0
-
VDDA
V
RAIN(1) External input impedance
-
-
-
100
κΩ
CADC(1)
Internal sample and hold
capacitor
--
5
-
pF
tCAL(1) Calibration time
fADC = 72 MHz
1.56
µs
-112
1/fADC
tlatr(1)
Trigger conversion latency
Regular and injected
channels without
conversion abort
CKMODE = 00
1.5
2
2.5
1/fADC
CKMODE = 01
-
-
2
1/fADC
CKMODE = 10
-
-
2.25
1/fADC
CKMODE = 11
-
-
2.125
1/fADC
tlatrinj(1)
Trigger conversion latency
Injected channels aborting
a regular conversion
CKMODE = 00
2.5
3
3.5
1/fADC
CKMODE = 01
-
-
3
1/fADC
CKMODE = 10
-
-
3.25
1/fADC
CKMODE = 11
-
-
3.125
1/fADC
tS(1)
Sampling time
fADC = 72 MHz
0.021
-
8.35
µs
-
1.5
-
601.5
1/fADC
tADCVRE
G_STUP
(
1)
ADC Voltage Regulator
Start-up time
--
-
10
µs
tSTAB
Power-up time
-
1
conver
sion
cycle
Table 64. ADC characteristics (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com