Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

218 Datasheet(PDF) 2 Page - 3M Electronics

Part # 218
Description  3M™ Scotch® Fine Line Tape 218
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

218 Datasheet(HTML) 2 Page - 3M Electronics

  218 Datasheet HTML 1Page - 3M Electronics 218 Datasheet HTML 2Page - 3M Electronics 218 Datasheet HTML 3Page - 3M Electronics 218 Datasheet HTML 4Page - 3M Electronics 218 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M™ Scotch® Fine Line Tape 218
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Color
Green, matte nish
Total Tape Thickness
0.13 mm
5 mil
ASTM D3652
Backing
Polypropylene plastic lm
Adhesive
Rubber adhesive with an
ideal balance of properties
for masking use
Typical Performance Characteristics
Property Values
Method
Dwell/Cure
Time
Substrate
Notes
180°
Peel
Adhesion
4 N/cm
37 oz/in
ASTM
D3330
Initial
Stainless
Steel
12 in/min (300 mm/min)
Tensile
Strength
22.8
N/cm
13 lb/in
ASTM
D3759
Elongation
at
Break
720 %
ASTM
D3759
Temperature
Use
Range
30
minutes
up to 121
°C
30
minutes
up to 250
°F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com