Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS14C89AM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C89AM
Description  Quad CMOS Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C89AM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS14C89AM Datasheet HTML 1Page - National Semiconductor (TI) DS14C89AM Datasheet HTML 2Page - National Semiconductor (TI) DS14C89AM Datasheet HTML 3Page - National Semiconductor (TI) DS14C89AM Datasheet HTML 4Page - National Semiconductor (TI) DS14C89AM Datasheet HTML 5Page - National Semiconductor (TI) DS14C89AM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF11106
February 1996
DS14C89ADS14C89AT
Quad CMOS Receiver
General Description
The DS14C89ADS14C89AT pin-for-pin compatible to the
DS1489AMC1489A are receivers designed to interface
data terminal equipment (DTE) with data circuit-terminating
equipment (DCE) These devices translate levels conform-
ing to EIA-232E and CCITT V28 standards to TTLCMOS
logic levels
The device is fabricated in low threshold CMOS metal gate
technology The device provides very low power consump-
tion compared to their bipolar equivalents
900 mA
(DS14C89A) versus 26 mA (DS1489A)
The DS14C89ADS14C89AT provide on chip noise filtering
which eliminates the need for external response control fil-
ter capacitors
When replacing the DS1489A with the
DS14C89ADS14C89AT the response control filter pins
can be tied high low or not connected
Features
Y
Meets EIATIA-232-E and CCITT V28 Standards
Y
Industrial Temperature Range
b
40 Cto a85 C – DS14C89AT
Y
LOW Power consumption
Y
On chip noise filter
Y
Available in SOIC Package
Connection Diagram
TLF11106 – 1
Order Number DS14C89AN DS14C89AM
DS14C89ATJ DS14C89ATN DS14C89ATM
See NS Package Number J14A M14A N14A
C1996 National Semiconductor Corporation
RRD-B30M36Printed in U S A
http
www nationalcom


Similar Part No. - DS14C89AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C89AM NSC-DS14C89AM Datasheet
93Kb / 5P
Quad CMOS Receiver
logo
Texas Instruments
DS14C89AM TI1-DS14C89AM Datasheet
236Kb / 11P
Quad CMOS Receiver
DS14C89AM/NOPB TI1-DS14C89AM/NOPB Datasheet
236Kb / 11P
Quad CMOS Receiver
DS14C89AM/NOPB TI1-DS14C89AM/NOPB Datasheet
770Kb / 13P
Quad CMOS Receiver
DS14C89AM/NOPB TI2-DS14C89AM/NOPB Datasheet
411Kb / 15P
DS14C89A Quad CMOS Receiver
REVISED APRIL 2013
More results

Similar Description - DS14C89AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C89A NSC-DS14C89A Datasheet
93Kb / 5P
Quad CMOS Receiver
DS34C86T NSC-DS34C86T Datasheet
196Kb / 8P
Quad CMOS Differential Line Receiver
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS34C86TMX TI-DS34C86TMX Datasheet
839Kb / 13P
DS34C86T Quad CMOS Differential Line Receiver
DS14C89A TI1-DS14C89A_15 Datasheet
236Kb / 11P
Quad CMOS Receiver
DS90C032 TI1-DS90C032_16 Datasheet
864Kb / 18P
Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
LVDS Quad CMOS Differential Line Receiver
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
LVDS Quad CMOS Differential Line Receiver
DS14C89A TI1-DS14C89A_19 Datasheet
770Kb / 13P
Quad CMOS Receiver
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com