Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8457DLE Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE8457DLE
Description  LIN Transceiver with integrated voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457DLE Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE8457DLE Datasheet HTML 1Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 2Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 3Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 4Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 5Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 6Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 7Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 8Page - Infineon Technologies AG TLE8457DLE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Data Sheet
1
Rev. 1.1
www.infineon.com/Automotive-Transceivers
2018-10-15
TLE8457C / TLE8457D
LIN Transceiver with integrated voltage regulator
1
Overview
Features
• Single-wire LIN transceiver for transmission rates up to 20 kBit/s
• Compliant to ISO 17987-4, LIN specification 2.2 A and SAE J2602
• 5 V or 3.3 V low drop-out linear voltage regulator with 70 mA current
capability
• Stable with ceramic output capacitor of 1 µF
• Ultra low current consumption in sleep mode of max. 16 µA
• Ultra low current consumption in standby mode of typical 20 µA
• Very low leakage current on the BUS pin
• VCC undervoltage detection with RESET output
• TxD protected with dominant time-out function
• BUS short to VBAT protection and BUS short to GND handling
• Overtemperature protection and supply undervoltage detection
• Very high ESD robustness: ±8 kV according to IEC61000-4-2
• Optimized for high electromagnetic compatibility (EMC);
Very low emission and high immunity to interference
• Available in standard PG-DSO-8 and leadless PG-TSON-8 packages
• PG-TSON-8 package supports automated optical inspection (AOI)
• Green Product (RoHS compliant)
Potential applications
• LIN slave satellite modules
•Window lifters
• Rain and light sensors
• Sun roof control modules
•Wiper modules
• Ambient lighting


Similar Part No. - TLE8457DLE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
TLE8457ALE INFINEON-TLE8457ALE Datasheet
1Mb / 33P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
TLE8457ASJ INFINEON-TLE8457ASJ Datasheet
1Mb / 33P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
TLE8457BLE INFINEON-TLE8457BLE Datasheet
1Mb / 33P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
TLE8457BSJ INFINEON-TLE8457BSJ Datasheet
1Mb / 33P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
More results

Similar Description - TLE8457DLE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7361 ONSEMI-NCV7361 Datasheet
192Kb / 28P
Voltage Regulator with Integrated LIN Transceiver
October, 2004 ??Rev. P0
NCV7361A ONSEMI-NCV7361A_05 Datasheet
192Kb / 28P
Voltage Regulator with Integrated LIN Transceiver
March, 2005 ??Rev. 0
logo
Melexis Microelectronic...
TH8061 MELEXIS-TH8061 Datasheet
1Mb / 36P
Voltage Regulator with integrated LIN Transceiver
logo
ATMEL Corporation
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
logo
NXP Semiconductors
TJA1028 NXP-TJA1028 Datasheet
208Kb / 24P
LIN transceiver with integrated voltage regulator
Rev. 2-25 February 2011
logo
Infineon Technologies A...
TLE8458 INFINEON-TLE8458_15 Datasheet
1Mb / 31P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
TLE8458 INFINEON-TLE8458 Datasheet
1Mb / 31P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com