Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD352IN Datasheet(PDF) 4 Page - STMicroelectronics

Part # TD352IN
Description  Advanced IGBT/MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD352IN Datasheet(HTML) 4 Page - STMicroelectronics

  TD352IN Datasheet HTML 1Page - STMicroelectronics TD352IN Datasheet HTML 2Page - STMicroelectronics TD352IN Datasheet HTML 3Page - STMicroelectronics TD352IN Datasheet HTML 4Page - STMicroelectronics TD352IN Datasheet HTML 5Page - STMicroelectronics TD352IN Datasheet HTML 6Page - STMicroelectronics TD352IN Datasheet HTML 7Page - STMicroelectronics TD352IN Datasheet HTML 8Page - STMicroelectronics TD352IN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TD352
Electrical Characteristics
4/13
3 Electrical Characteristics
Note:1.Recommended capacitor range on VREF pin is 10nF to 100nF
Table 4.
Tamb = -20 to 125°C, VH=16V (unless otherwise specified)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Input
Vton
IN turn-on threshold voltage
0.8
1.0
V
Vtoff
IN turn-off threshold voltage
4.0
4.2
V
Iinp
IN Input current
IN input voltage < 4.5V
1
µA
Voltage reference - Note 1
Vref
Voltage reference
T=25°C
4.85
5.00
5.15
V
Iref
Maximum output current
10
mA
Clamp
Vtclamp
CLAMP pin voltage threshold
2.0
V
VCL
Clamp low voltage
Icsink=500mA
2.5
V
Delay
Vtdel
Voltage threshold
2.5
V
Rdel
Discharge resistor
I=1mA
500
Ω
Desaturation protection
Vdes
Desaturation threshold
VH-2
ς
Ides
Source current
250
µA
Outputs
Isink
Output sink current
Vout=6V
1000
1700
mA
Isrc
Output source current
Vout=VH-6V
750
1300
mA
VOL1
Output low voltage 1
Iosink=20mA
0.35
V
VOL2
Output low voltage 2
Iosink=500mA
2.5
V
VOH1
Output high voltage 1
Iosource=20mA
VH-2.5
V
VOH2
Output high voltage 2
Iosource=500mA
VH-4.0
V
tr
Rise time
CL=1nF, 10% to 90%
100
ns
tf
Fall time
CL=1nF, 90% to 10%
100
ns
tdon
Turn on propagation delay
10% output change:
Rd=4.7k, no Cd
Rd=11k, Cd=220pF
1.8
2.0
500
2.2
ns
µs
tdoff
Turn off propagation delay
10% output change
400
ns
Under Voltage Lockout (UVLO)
UVLOH
UVLO top threshold
10
11
12
V
UVLOL
UVLO bottom threshold
9
10
11
V
Vhyst
UVLO hysteresis
Vhyst=UVLOH-UVLOL
0.5
1
V
Supply current
Iin
Quiescent current
input low, no load
2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com