| Electronic Components Datasheet Search |
|
STM32L021D4 Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L021D4 Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 114 page ![]() DocID027982 Rev 5 19/114 STM32L021x4 Functional overview 32 3.3 Arm® Cortex®-M0+ core The Cortex-M0+ processor is an entry-level 32-bit Arm Cortex processor designed for a broad range of embedded applications. It offers significant benefits to developers, including: • a simple architecture that is easy to learn and program • ultra-low power, energy-efficient operation • excellent code density • deterministic, high-performance interrupt handling • upward compatibility with Cortex-M processor family • platform security robustness. The Cortex-M0+ processor is built on a highly area and power optimized 32-bit processor core, with a 2-stage pipeline von Neumann architecture. The processor delivers exceptional energy efficiency through a small but powerful instruction set and extensively optimized design, providing high-end processing hardware including a single-cycle multiplier. The Cortex-M0+ processor provides the exceptional performance expected of a modern 32- bit architecture, with a higher code density than other 8-bit and 16-bit microcontrollers. Owing to its embedded Arm core, the STM32L021x4 are compatible with all Arm tools and software. Table 5. STM32L021x4 peripherals interconnect matrix Interconnect source Interconnect destination Interconnect action Run Sleep Low- power run Low- power sleep Stop COMPx TIM2,TIM21 Timer input channel, trigger from analog signals comparison YY Y Y - LPTIM1 Timer input channel, trigger from analog signals comparison YY Y Y Y TIMx TIMx Timer triggered by other timer YY Y Y - RTC TIM21 Timer triggered by Auto wake-up YY Y Y - LPTIM1 Timer triggered by RTC event YY Y Y Y All clock source TIMx Clock source used as input channel for RC measurement and trimming YY Y Y - GPIO TIMx Timer input channel and trigger YY Y Y - LPTIM1 Timer input channel and trigger YY Y Y Y ADC Conversion trigger Y Y Y Y - |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |