| Electronic Components Datasheet Search |
|
STM32L031F4 Datasheet(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031F4 Datasheet(HTML) 83 Page - STMicroelectronics |
|
83 / 126 page ![]() DS10668 Rev 6 83/126 STM32L031x4/6 Electrical characteristics 96 Input/output AC characteristics The definition and values of input/output AC characteristics are given in Figure 27 and Table 55, respectively. Unless otherwise specified, the parameters given in Table 55 are derived from tests performed under ambient temperature and VDD supply voltage conditions summarized in Table 20. Table 55. I/O AC characteristics(1) OSPEEDRx [1:0] bit value(1) Symbol Parameter Conditions Min Max(2) Unit 00 fmax(IO)out Maximum frequency(3) CL = 50 pF, VDD = 2.7 V to 3.6 V - 400 kHz CL = 50 pF, VDD = 1.65 V to 2.7 V - 100 tf(IO)out tr(IO)out Output rise and fall time CL = 50 pF, VDD = 2.7 V to 3.6 V - 125 ns CL = 50 pF, VDD = 1.65 V to 2.7 V - 320 01 fmax(IO)out Maximum frequency(3) CL = 50 pF, VDD = 2.7 V to 3.6 V - 2 MHz CL = 50 pF, VDD = 1.65 V to 2.7 V - 0.6 tf(IO)out tr(IO)out Output rise and fall time CL = 50 pF, VDD = 2.7 V to 3.6 V - 30 ns CL = 50 pF, VDD = 1.65 V to 2.7 V - 65 10 Fmax(IO)out Maximum frequency(3) CL = 50 pF, VDD = 2.7 V to 3.6 V - 10 MHz CL = 50 pF, VDD = 1.65 V to 2.7 V - 2 tf(IO)out tr(IO)out Output rise and fall time CL = 50 pF, VDD = 2.7 V to 3.6 V - 13 ns CL = 50 pF, VDD = 1.65 V to 2.7 V - 28 11 Fmax(IO)out Maximum frequency(3) CL = 30 pF, VDD = 2.7 V to 3.6 V - 35 MHz CL = 50 pF, VDD = 1.65 V to 2.7 V - 10 tf(IO)out tr(IO)out Output rise and fall time CL = 30 pF, VDD = 2.7 V to 3.6 V - 6 ns CL = 50 pF, VDD = 1.65 V to 2.7 V - 17 Fm+ configuration(4) fmax(IO)out Maximum frequency(3) CL = 50 pF, VDD = 2.5 V to 3.6 V -1 MHz tf(IO)out Output fall time - 10 ns tr(IO)out Output rise time - 30 fmax(IO)out Maximum frequency(3) CL = 50 pF, VDD = 1.65 V to 3.6 V -350 KHz tf(IO)out Output fall time - 15 ns tr(IO)out Output rise time - 60 -tEXTIpw Pulse width of external signals detected by the EXTI controller -8 - ns 1. The I/O speed is configured using the OSPEEDRx[1:0] bits. Refer to the line reference manual for a description of GPIO Port configuration register. 2. Guaranteed by design. 3. The maximum frequency is defined in Figure 27. 4. When Fm+ configuration is set, the I/O speed control is bypassed. Refer to the line reference manual for a detailed description of Fm+ I/O configuration. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |