| Electronic Components Datasheet Search |
|
STM32L412RBI3PXXX Datasheet(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L412RBI3PXXX Datasheet(HTML) 45 Page - STMicroelectronics |
|
45 / 192 page ![]() DS12469 Rev 8 45/192 STM32L412xx Functional overview 49 3.23 Universal synchronous/asynchronous receiver transmitter (USART) The STM32L412xx devices have three embedded universal synchronous receiver transmitters (USART1, USART2 and USART3). These interfaces provide asynchronous communication, IrDA SIR ENDEC support, multiprocessor communication mode, single-wire half-duplex communication mode and have LIN Master/Slave capability. They provide hardware management of the CTS and RTS signals, and RS485 Driver Enable, and are able to communicate at speeds of up to 10 Mbit/s. USART1, USART2 and USART3 also provide Smart Card mode (ISO 7816 compliant) and SPI-like communication capability. All USART have a clock domain independent from the CPU clock, allowing the USARTx (x=1,2,3) to wake up the MCU from Stop mode using baudrates up to 204 Kbaud. The wake up events from Stop mode are programmable and can be: • Start bit detection • Any received data frame • A specific programmed data frame All USART interfaces can be served by the DMA controller. Table 12. STM32L412xx USART/UART/LPUART features USART modes/features(1) 1. X = supported. USART1 USART2 USART3 LPUART1 Hardware flow control for modem X X X X Continuous communication using DMA X X X X Multiprocessor communication X X X X Synchronous mode X X X - Smartcard mode X X X - Single-wire half-duplex communication X X X X IrDA SIR ENDEC block X X X - LIN mode X X X - Dual clock domain X X X X Wakeup from Stop 0 / Stop 1 modes X X X X Wakeup from Stop 2 mode - - - X Receiver timeout interrupt X X X - Modbus communication X X X - Auto baud rate detection X (4 modes) - Driver Enable X X X X LPUART/USART data length 7, 8 and 9 bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |