| Electronic Components Datasheet Search |
|
STM32L412R8I3PXXX Datasheet(PDF) 92 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L412R8I3PXXX Datasheet(HTML) 92 Page - STMicroelectronics |
|
92 / 192 page ![]() Electrical characteristics STM32L412xx 92/192 DS12469 Rev 8 1. All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%, VDD12 = 1.10 V 2. Reduced code used for characterization results provided in Table 25, Table 27, Table 29. Table 33. Typical current consumption in Run, with different codes running from Flash, ART enable (Cache ON Prefetch OFF) and power supplied by external SMPS (VDD12 = 1.00 V) Symbol Parameter Conditions(1) TYP Unit TYP Unit - Voltage scaling Code 25 °C 25 °C IDD_ALL (Run) Supply current in Run mode fHCLK = fHSE up to 48 MHz included, bypass mode PLL ON above 48 MHz all peripherals disable Reduced code(2) 0.73 mA 28 µA/MHz Coremark 0.82 32 Dhrystone 2.1 0.84 32 Fibonacci 0.80 31 While(1) 0.70 27 1. All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%, VDD12 = 1.00 V 2. Reduced code used for characterization results provided in Table 25, Table 27, Table 29. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |