Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2W130CD Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # D2W130CD
Description  SSR - 120/240V 30A (RMS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

D2W130CD Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  D2W130CD Datasheet HTML 1Page - Nihon Inter Electronics Corporation D2W130CD Datasheet HTML 2Page - Nihon Inter Electronics Corporation D2W130CD Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SSR
120/240V 30A (RMS)
D2W130CD D2W230CD
D2W130CF D2W230CF
D2W130CG D2W230CG
Futures
* Large capacity(30Arms) in spite of the standard
package.
* LowNoiseSwitchingandRushCurrent
Function
* SinglePole,Single Throw NormallyOpen
* With ZeroCrossingVoltage Switching Circuit
Zero-crossing Models
CharacteristicsandRatings
Characteristics/Ratings
Parameter
Symbol
D2W130CD D2W130CF D2W130CG D2W230CD D2W230CF D2W230CG
Unit
Output
RatedVoltage
V(RMS)
120
240
V
A.C.Line Voltage Range
V(RMS)
60 to 140
60 to 280
V
OperatingFrequency
f
47 to 63
HZ
MaximumLoadCurrent
IT(RMS)
30
A
Non-repetitiveOneCycleSurgeCurrent
ITSM
300
A
MinimumOperatingCurrent
Iop(RMS)
120
mA
Maximumoff-stateLeakageCurrent
Ileak(RMS)
2.0(@120Vrms)
4.0(@240Vrms)
mA
Maximum on-sateVoltageDrop
VT(RMS)
1.6
V
ResponseTime
T(rps)
1/2Cycle+1mS
-
Input
ControlSignalVoltageRange
IIN(DC)
3 to 6
10 to 18 18 to 28
3 to 6
10 to 18 18 to 28
V
InputImpedance
R(IN)
260
860
1360
260
860
1360
ohm
Pick-upVoltage
PUV
3.0
10.0
18.0
3.0
10.0
18.0
V
Drop-outVoltage
DOV
1.0
V
Input/Output
ACIsolationVoltage (BetweenInput,
OutputTerminalsandBase)
Viso(RMS)
1500
V
Capacitance(Betweeninputandoutput
C(i-o)
100
pF
OperatingTemperatureRange
Top
-20 to +80
°C
StorageTemperatureRange
Tstg
-25 to +85
°C


Similar Part No. - D2W130CD

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
D2W130CD NI-D2W130CD Datasheet
183Kb / 3P
120/240V 30A
More results

Similar Description - D2W130CD

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2W140CD NIEC-D2W140CD Datasheet
162Kb / 3P
SSR - 120/240V 40A (RMS)
PHA15DW2RP NIEC-PHA15DW2RP Datasheet
313Kb / 3P
SSR - 240V 15/25A (RMS)
logo
National Instruments Co...
D2N130CD NI-D2N130CD Datasheet
188Kb / 3P
120/240V 30A
D2W130CD NI-D2W130CD Datasheet
183Kb / 3P
120/240V 30A
logo
Schneider Electric
HOM230 SCHNEIDER-HOM230 Datasheet
108Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 30A
Nov 21, 2019
HOM230C SCHNEIDER-HOM230C Datasheet
150Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 30A
Nov 22, 2019
HOM230CP SCHNEIDER-HOM230CP Datasheet
159Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 30A
Nov 22, 2019
HOM2305219 SCHNEIDER-HOM2305219 Datasheet
150Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 30A
Nov 22, 2019
QOU130VH SCHNEIDER-QOU130VH Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 30A, 1P, 120/240V, 22kA
QOU230 SCHNEIDER-QOU230 Datasheet
110Kb / 2P
QOU Miniature Circuit Breaker, 30A, 2P, 120/240V, 10kA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com