Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WL55JCU6TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32WL55JCU6TR
Description  Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WL55JCU6TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32WL55JCU6TR Datasheet HTML 11Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 12Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 13Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 14Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 15Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 16Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 17Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 18Page - STMicroelectronics STM32WL55JCU6TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 145 page
background image
DS13293 Rev 1
15/145
STM32WL55/54xx
Functional overview
48
3
Functional overview
3.1
Architecture
The devices embed a sub-GHz RF subsystem that interfaces with a generic microcontroller
subsystem using an Arm Cortex-M4 (called CPU1) and an Arm Cortex-M0+ (called CPU2).
An RF low-layer stack is needed and is to be run on CPU1 or CPU2, whereas the host
application code is preferably run on CPU1.
The RF subsystem communication is done through an internal SPI interface.
All secure code must be run by CPU2.
3.2
Arm Cortex-M cores
With its embedded Arm cores, the STM32WL55/54xx devices are compatible with all
Arm tools and software.
Figure 1 shows the general block diagram of the STM32WL55/54xx devices.
Arm Cortex-M4
The Arm Cortex-M4 is a processor for embedded systems. It has been developed to provide
a low-cost platform that meets the needs of MCU implementation, with a reduced pin count
and low-power consumption, while delivering outstanding computational performance and
an advanced response to interrupts.
The Arm Cortex-M4 32-bit RISC processor features exceptional code-efficiency, delivering
the high-performance expected from an Arm core in the memory size usually associated
with 8- and 16-bit devices.
This processor supports a set of DSP instructions that allow efficient signal processing and
complex algorithm execution.
Arm Cortex-M0+
The Arm Cortex-M0+ is an entry-level processor for embedded systems. It has been
developed to provide lowest power consumption in the Cortex-M family, while delivering
good computation performance and response to interrupts.
The Arm Cortex-M0+ 32-bit RISC processor features good code-efficiency with ultra-low
power consumption in the memory size usually associated with 8-bit and 16-bit devices.
3.3
Adaptive real-time memory accelerator (ART Accelerator)
The ART Accelerator is a memory accelerator that is optimized for STM32 industry-standard
Arm Cortex-M4 processor. The ART Accelerator balances the inherent performance
advantage of the Arm Cortex-M4 over Flash memory technologies, that normally require the
processor to wait for the Flash memory at higher frequencies.
To release the processor near 60 DMIPS performance at 48 MHz, the ART Accelerator
implements an instruction prefetch queue and branch cache, that increases the program
execution speed from the 64-bit Flash memory. Based on CoreMark benchmark, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com