Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T115D-SF Datasheet(PDF) 16 Page - Panasonic Semiconductor

Part # T115D-SF
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-SF Datasheet(HTML) 16 Page - Panasonic Semiconductor

Back Button T115D-SF Datasheet HTML 12Page - Panasonic Semiconductor T115D-SF Datasheet HTML 13Page - Panasonic Semiconductor T115D-SF Datasheet HTML 14Page - Panasonic Semiconductor T115D-SF Datasheet HTML 15Page - Panasonic Semiconductor T115D-SF Datasheet HTML 16Page - Panasonic Semiconductor T115D-SF Datasheet HTML 17Page - Panasonic Semiconductor T115D-SF Datasheet HTML 18Page - Panasonic Semiconductor T115D-SF Datasheet HTML 19Page - Panasonic Semiconductor T115D-SF Datasheet HTML 20Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
T-15 Series Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
© Panasonic Corporation 2019
AECTB5E 201906
CAUTIONS FOR USE
■Dustproof, waterproof, anticorrosive gas, and oil-proof
designs
The panel-sealed type/terminal-sealed type/wire lead type
switch has a protection level of IP67 or IP64 on the outer side of
the mounting panel and a level of IP40, IP60, or IP67 on the
inner side of the panel. For actual application, note the following
points:
1) Avoid immersion in water or oil during installation.
2) Avoid immersion in water or oil during operation.
3) Oils or gases impose varying degrees of impact on the
switch’s sealing performance depending on type or quantity.
4) While the switch has a immersion and dust-protected design,
its sealing performance or operabillity may be adversely affected
in an environment where in the switch's movable parts can be
contaminated with dust, oil, or other foreign objects. For the
toggle type, use of a rubber cap is recommended.
5) The standard toggle switch, when used with a rubber cap,
provides a protection level of IP54.
It should be used in an environment where it will not be subject
to frequent water splashes.
6) As the sealing performance of the rocker type switch is
affected by the panel processing accuracy or mounted panel
thickness, check the switch under actual loading conditions.
(While water or dust will not enter the switch’s internal structure,
it may enter the panel.)
7) Do not operate the rocker type switch when water
accumulates in the actuator.
■Snap switch water resistance performance
Panel front
Panel interior
Toggle
type
Rocker
type
Push-
button
type
Toggle
type
Rocker
type
Push-
button
type
Standard type +
Rubber cap
IP54
–
–
IP40
–
–
Panel-sealed type
IP67
IP64
IP67
IP40
IP40
IP40
Terminal-sealed type
IP67
IP64
–
IP60
IP60
–
Wire leads type
IP67
IP64
–
IP67
IP67
–
■Installation
1) For the toggle and push-button type
a. When installing the standard type switch, be sure to use a hex
nut.
b. For the panel-sealed, terminal-sealed and wire lead types,
use a lock washer on the front side of the panel, and an O-ring
on the back side of it.
c. Do not install the switch by rotating it.
2) For the rocker type
a. In case the panel-sealed, terminal-sealed or wire leads types
are used in the condition where the water splash on, please in
the case of vertical installation, please install the switches tilt
more than 25° or in the case of horizontal installation, please
install the switches tilt more than 50°. (90° recommended)
(Vertical installation)
(Horizontal installation)
Min. 25°
Mounting panel
b. In case water inside the switch case may freeze, please install
the switch vertically to avoid the water remain inside the switch.
3) Rubber cap installation
a. The washer should be used on the back side of the panel.
3.0 to 3.5 mm
Washer
Mounting hole
Hexagonal nut
b. Enough screw pitch should be obtained being adjusted within
3 to 3.5mm.
c. After first installing the rubber cap, please tighten to 1.96 Nm
or less with a hexagonal nut.
d. The mounting hole in the panel should preferably be provided
with an anti-rotation projection.
e. If the rubber cap is installed over the hex nut, the waterproof
performance will be impaired although the dustproof
performance will not be affected.
■Soldering
Perform soldering in less than 3 seconds with maximum 350°C
iron. Care should be taken not to apply force to the terminals
during soldering. We recommend a soldering iron with
temperature adjustment in order to prevent poor quality
soldering.
Please consult us if you intend to use a soldering iron of 60 W or
higher.
■Load type and ratings
1) When the switch is loaded with a lamp, motor or capacitive
load, a surge current higher than the stationary current passes
through the switch contacts.
Measure the surge with the actual load and, if needed, take
necessory action so that the surge will not exceed the switch’s
rated current.
2) When the switch is loaded with an inductive load (relay,
solenoid, buzzer, etc.), a contact failure may result from arc
discharge caused by a counterelectromotive force. It is advisable
that you use an adequate anti-spark circuit across the switch
contacts.
■Others
1) Do not apply an excessive static load exceeding 112.7N
perpendicular to the direction of operation.
2) Operate the switch actuator by hand.
3) Take care not to drop the product as it may impair
performance.
4) These switches are only for Industrial use.
Do not use any other applications. (ex. home use)
ー 16 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com