Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC115D-F Datasheet(PDF) 15 Page - Panasonic Semiconductor

Part # TC115D-F
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TC115D-F Datasheet(HTML) 15 Page - Panasonic Semiconductor

Back Button TC115D-F Datasheet HTML 11Page - Panasonic Semiconductor TC115D-F Datasheet HTML 12Page - Panasonic Semiconductor TC115D-F Datasheet HTML 13Page - Panasonic Semiconductor TC115D-F Datasheet HTML 14Page - Panasonic Semiconductor TC115D-F Datasheet HTML 15Page - Panasonic Semiconductor TC115D-F Datasheet HTML 16Page - Panasonic Semiconductor TC115D-F Datasheet HTML 17Page - Panasonic Semiconductor TC115D-F Datasheet HTML 18Page - Panasonic Semiconductor TC115D-F Datasheet HTML 19Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
T-15 Series Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
© Panasonic Corporation 2019
AECTB5E 201906
■Toggle type and Rocker type
TERMINAL CIRCUIT DIAGRAM
Number of pole
1-pole
2-pole
3-pole
4-pole
Toggle type
Available
Available
Available *3
Available *3
Rocker type
Available
Available
—
—
Terminal arrangement
(As seen from terminal side)
Actuator shape
Toggle type
Rocker type
ON-OFF
1-3
1-3, 4-6
1-3, 4-6, 7-9
1-3, 4-6, 7-9, 10-12
—
—
—
—
—
—
—
—
—
—
ON-ON
ON-<ON>
*1
2-3
2-3, 5-6
2-3, 5-6, 8-9
2-3, 5-6, 8-9, 11-12
—
—
—
—
—
—
1-2
1-2, 4-5
1-2, 4-5, 7-8
1-2, 4-5, 7-8, 10-11
ON-OFF-ON
<ON>-OFF-<ON>
ON-OFF-<ON>
*1
2-3
2-3, 5-6
2-3, 5-6, 8-9
2-3, 5-6, 8-9, 11-12
—
—
—
—
1-2
1-2, 4-5
1-2, 4-5, 7-8
1-2, 4-5, 7-8, 10-11
Remarks
ON-OFF type does
not have a terminal
No. 2.
ON-OFF type does
not have terminal
No. 2 and 5.
ON-OFF type does
not have terminal
No. 2, 5 and 8.
ON-OFF type does
not have terminal
No. 2, 5, 8 and 11.
Keyway
Keyway
Keyway
Keyway
Keyway
Keyway
Keyway
Right
Part No.
Left
Left
*2
Center
Keyway
Keyway
Keyway
Keyway
Right
Part No.
Right
Part No.
Left
*2
Notes: *1. For ON-<ON>, ON-OFF-<ON> type of toggle, if the lever turns to the keyway side, it takes momentary position.
*2. For the rocker type, if the actuator turns to the left side in view of the side where a part number is marked, it takes momentary position.
*3. Only standard type
■Push-button type
1-pole
2-pole
Terminal arrangement
(As seen from terminal side)
Push-button position
and contact terminal number
2-3
2-3, 5-6
1-2
1-2, 4-5
Keyway
Keyway
Operated
ー 15 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com