Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB35CCU6TR Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32WB35CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCU6TR Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32WB35CCU6TR Datasheet HTML 76Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 77Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 78Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 79Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 80Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 81Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 82Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 83Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 193 page
background image
Memory mapping
STM32WB55xx STM32WB35xx
80/193
DS11929 Rev 10
5
Memory mapping
The STM32WB55xx and STM32WB35xx devices feature a single physical address space
that can be accessed by the application processor and by the RF subsystem.
A part of the Flash memory and of the SRAM2a and SRAM2b memories are made secure,
exclusively accessible by the CPU2, protected against execution, read and write from CPU1
and DMA.
In case of shared resources the SW should implement arbitration mechanism to avoid
access conflicts. This happens for peripherals Reset and Clock Controller (RCC), Power
Controller (PWC), EXTI and Flash interface, and can be implemented using the built-in
semaphore block (HSEM).
By default the RF subsystem and CPU2 operate in secure mode. This implies that part of
the Flash and of the SRAM2 memories can only be accessed by the RF subsystem and by
the CPU2. In this case the Host processor (CPU1) has no access to these resources.
The detailed memory map and the peripheral mapping can be found in the reference
manual RM0434.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com