Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB35CCU6TR Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32WB35CCU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCU6TR Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32WB35CCU6TR Datasheet HTML 97Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 98Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 99Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 100Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 101Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 102Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 103Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 104Page - STMicroelectronics STM32WB35CCU6TR Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 193 page
background image
Table 38. Current consumption in Run and Low-power run modes, code with data processing
running from SRAM1, VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Max(1)
1. Guaranteed by characterization results, unless otherwise specified.
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C 105 °C 25 °C 85 °C 105 °C
IDD(Run)
Supply
current in
Run mode
fHCLK = fHSI16 up to
16 MHz included,
fHCLK = fHSE = 32 MHz
fHSI16 + PLL ON
above 32 MHz
All peripherals
disabled
Range 2
16 MHz
2.002.05
2.152.302.57
3.043.64
mA
2 MHz
0.970
1.00
1.10
1.25
1.62
1.90
2.55
Range 1
64 MHz
8.80
8.90
9.00
9.20
10.50 10.80
11.30
32 MHz
4.504.55
4.704.904.63
4.895.62
16 MHz
2.402.40
2.552.702.50
2.703.21
SMPS
Range 1
64 MHz
5.25
5.30
5.35
5.45
-
-
-
32 MHz
3.25
3.25
3.35
3.45
-
-
-
16 MHz
2.35
2.35
2.40
2.45
-
-
-
IDD(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
All peripherals disabled
2 MHz
0.265
0.285
0.385
0.550
0.440 0.940
1.620
1 MHz
0.135
0.170
0.270
0.430
0.290 0.760
1.480
400 kHz 0.066
0.097
0.195
0.360
0.200 0.670
1.380
100 kHz 0.031 0.0625 0.160
0.325
0.170 0.470
1.330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com