Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CEU6TR Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32WB55CEU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CEU6TR Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32WB55CEU6TR Datasheet HTML 100Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 101Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 102Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 103Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 104Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 105Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 106Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 107Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 193 page
background image
Table 41. Current consumption in Sleep and Low-power sleep modes, Flash memory ON
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C
55 °C
85 °C
105 °C
25 °C 85 °C 105 °C
IDD(Sleep)
Supply
current in
sleep mode,
fHCLK = fHSI16 up
to 16 MHz
included,
fHCLK = fHSE up to
32 MHz
fHSI16 + PLL ON
above 32 MHz
All peripherals
disabled
Range 2
16 MHz
0.740
0.765
0.865
1.05
0.840 1.210
1.810
mA
Range 1
64 MHz
2.65
2.70
2.80
3.00
3.00
3.33
3.91
32 MHz
1.40
1.45
1.60
1.80
1.55
1.86
2.49
16 MHz
0.845
0.875
0.990
1.20
0.970
1.40
2.02
SMPS
Range 1
64 MHz
2.60
2.60
2.65
2.75
-
-
-
32 MHz
1.90
1.95
2.00
2.10
-
-
-
16 MHz
1.70
1.70
1.75
1.80
-
-
-
IDD(LPSleep)
Supply
current in
low-power
sleep mode
fHCLK = fMSI
All peripherals disabled
2 MHz
0.090
0.125
0.235
0.430
0.130 0.600
1.19
1 MHz
0.058
0.093
0.205
0.400
0.090 0.570
1.16
400 kHz
0.044
0.0725
0.185
0.380
0.070 0.540
1.11
100 kHz
0.0315 0.0635 0.0175
0.370
0.055 0.530
1.13
1. Guaranteed by characterization results, unless otherwise specified.
Table 42. Current consumption in Low-power sleep modes, Flash memory in Power down
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-fHCLK
25 °C
55 °C
85 °C
105 °C
25 °C
85 °C
105 °C
IDD
(LPSleep)
Supply
current in
low-power
sleep mode
fHCLK = fMSI
All peripherals
disabled
2 MHz
94.0
115
200
335
135
610
1201
µA
1 MHz
56.5
86.0
170
305
94.2
560
1171
400 kHz
40.5
66.5
150
285
68.0
540
1129
100 kHz
27.5
57.5
140
275
54.6
539
1131
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com