Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CEU6TR Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32WB55CEU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CEU6TR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32WB55CEU6TR Datasheet HTML 39Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 40Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 41Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 42Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 43Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 44Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 45Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 46Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 193 page
background image
DS11929 Rev 10
43/193
STM32WB55xx STM32WB35xx
Functional overview
57
Figure 9. Clock tree
1. The LCD is not available on STM32WB35xx devices.
3.11
General-purpose inputs/outputs (GPIOs)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as
input (with or without pull-up or pull-down) or as peripheral alternate function. Most of the
GPIO pins are shared with digital or analog alternate functions. Fast I/O toggling can be
achieved thanks to their mapping on the AHB2 bus.
MS45402V7
SMPS clock
source control
LSI1 RCC 32 kHz
LSI2 RCC 32 kHz
LSE OSC
32.768 kHz
LSCO
LSI
to IWDG
HSE OSC
32 MHz
HSE CSS
OSC_IN
OSC_OUT
HSI16 RC
16 MHz
MSI RC
100 kHz - 48 MHz
MCO
/1 - 16
/32
HSI48 RC
48 MHz
LSE CSS
/32
PLL
/P
/R
/Q
PLLSAI1
/P
/R
/Q
/M
SYSCLK
MSI
MSI
HSI16
HSI16
HSE
HSE
PLLRCLK
PLLRCLK
RC48
LSE
LSI2
LSI1
SYS clock
source control
SYSCLK
MSI
HSI16
HCLK1
HCLK2
HCLK4
APB1
PPRE1
/1,2,4,8,16
to CPU1, AHB1, AHB2, AHB3, and SRAM1
to CPU1 FCLK
/8
to CPU1 system timer
APB2
PPRE2
/1,2,4,8,16
PCLK1
PCLK2
to CPU2
to CPU2 FCLK
/8
to CPU2 system timer
to AHB4, Flash memory, SRAM2
to APB1 TIMx
to APB2 TIMx
to USART1
to LPTIMx
to LPUART1
to SAI1
to ADC1
to RTC and LCD
(1)
x1 or
x2
x1 or
x2
to I2Cx
PCLKn
SYSCLK
HSI16
HSI16
PCLKn
LSI
LSE
HSI16
SAI1_EXTCLK
PLLSAI1PCLK
PLLPCLK
SYSCLK
PCLKn
LSE
to 802.15.4 wakeup
HCLK5
HSI16
HSE
to AHB5
to APB3
to APB2
to APB1
to RF
PLLSAI1RCLK
SYSCLK
to USB
HSI48
MSI
to RNG
PLLQCLK
PLLRCLK
PLLSAI1QCLK
OSC32_IN
OSC32_OUT
LSI
LSE
LSE
MSI
HSI16
HSE
SMPSDIV
/1,2,3,4,6,8,12
to
SMPS
/2
xN
xN
to BLE wakeup
CPU1
HPRE
/1,2,...,512
AHB4
SHDHPRE
/1,2,...,512
CPU2
C2HPRE
1,2,...,512
HSI16
HSEPRE/1,2
/3
LSI
LSE
/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com