Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CEU6TR Datasheet(PDF) 168 Page - STMicroelectronics

Part # STM32WB55CEU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CEU6TR Datasheet(HTML) 168 Page - STMicroelectronics

Back Button STM32WB55CEU6TR Datasheet HTML 164Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 165Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 166Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 167Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 168Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 169Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 170Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 171Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 193 page
background image
Electrical characteristics
STM32WB55xx STM32WB35xx
168/193
DS11929 Rev 10
USB characteristics
The STM32WB55xx and STM32WB35xx USB interface is fully compliant with the USB
specification version 2.0, and is USB-IF certified (for Full-speed device operation).
JTAG/SWD interface characteristics
Unless otherwise specified, the parameters given in Table 98 and Table 99 are derived from
tests performed under the ambient temperature, fPCLKx frequency and supply voltage
conditions summarized in Table 24: General operating conditions, with the following
configuration:
Capacitive load C = 30 pF
Measurement points are done at CMOS levels: 0.5 ₓ VDD
Table 97. USB electrical characteristics(1)
1. TA = -40 to 125 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDUSB
USB transceiver operating voltage
-
3.0(2)
2. The STM32WB55xx and STM32WB35xx USB functionality is ensured down to 2.7 V, but the full USB
electrical characteristics are degraded in the 2.7 to 3.0 V voltage range.
-3.6
V
Tcrystal_less
USB crystal-less
operation temperature
--15
-
85
°
C
RPUI
Embedded USB_DP pull-up value
during idle
-
900
1250
1600
Ω
RPUR
Embedded USB_DP pull-up value
during reception
-
1400
2300
3200
ZDRV(3)
3. Guaranteed by design.
Output driver impedance(4)
4. No external termination series resistors are required on USB_DP (D+) and USB_DM (D-); the matching
impedance is already included in the embedded driver.
Driving high and low
28
36
44
Table 98. JTAG characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1/tc(TCK)
TCK clock frequency
2.7 < VDD < 3.6 V
-
-
29
MHz
1.65 < VDD < 3.6 V
-
-
21
tisu(TMS)
TMS input setup time
-
2.5
-
-
ns
tih(TMS)
TMS input hold time
-
2
-
-
tisu(TDI)
TDI input setup time
-
1.5
-
-
tih(TDI)
TDI input hold time
-
2
-
-
tov(TDO)
TDO output valid time
2.7 < VDD < 3.6 V
-
13.5
16.5
1.65 < VDD < 3.6 V
-
13.5
23
toh(TDO)
TDO output hold time
-
11
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com