Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CEU6TR Datasheet(PDF) 185 Page - STMicroelectronics

Part # STM32WB55CEU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CEU6TR Datasheet(HTML) 185 Page - STMicroelectronics

Back Button STM32WB55CEU6TR Datasheet HTML 181Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 182Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 183Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 184Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 185Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 186Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 187Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 188Page - STMicroelectronics STM32WB55CEU6TR Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 193 page
background image
DS11929 Rev 10
185/193
STM32WB55xx STM32WB35xx
Package information
185
Note:
With this given PD max user can find the TA max allowed for a given device temperature
range (order code suffix 7).
Suffix 7: TA max = TJ max - (47 °C / W × 447 mW) = 125 °C - 21 °C = 103 °C
Example 2: High-temperature application
Using the same rules, it is possible to address applications running at high ambient
temperatures with a low dissipation, as long as junction temperature TJ remains within the
specified range.
Assuming the following application conditions:
Maximum ambient temperature TA max = 100 °C (measured according to JESD51-2),
IDD max = 50 mA, VDD = 3.5 V, maximum 20 I/Os used at the same time in output at
low level with IOL = 8 mA, VOL= 0.4 V
PINT max = 50 mA × 3.5 V = 175 mW
PIO max = 20 × 8 mA × 0.4 V = 64 mW
This gives: PINTmax = 175 mW and PIO max = 64 mW
PD max = 175 + 64 = 239 mW
Thus: PD max = 239 mW
Using the values obtained in Table 106 TJ max is calculated as follows:
–
For UFQFPN48, 24.9 °C / W
TJ max = 100 °C + (24.9 °C / W × 239 mW) = 100 °C + 6 °C = 106 °C
This is above the range of the suffix 6 version parts (–40 < TJ < 105 °C).
In this case, parts must be ordered at least with the temperature range suffix 7 (see
Section 8), unless user reduces the power dissipation to be able to use suffix 6 parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com