| Electronic Components Datasheet Search |
|
TLD2132-1EP Datasheet(PDF) 17 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLD2132-1EP Datasheet(HTML) 17 Page - Infineon Technologies AG |
|
17 / 41 page ![]() Datasheet 17 Rev. 1.10 2019-09-26 TLD2132-1EP LITIX™ Basic+ Power stage Figure 9 Output control via IN_SET pin and open-drain microcontroller out (simplified diagram) 5.2.4 IN_SET pin behavior during device fault management If a fault condition arises on the channel controlled by the IN_SET pin, once the D-pin reaches the high level threshold VD(th), the current of the IN_SET pin is reduced to IIN_SET(fault), in order to minimise the current consumption of the whole device under fault condition (detailed description is in the load diagnosis section, Chapter 6). 5.2.5 OUT_SET pin The OUT_SET pin, mirroring the IN_SET current defined by the external resistor RSET, can be used to define the IN_SET current of an additional companion device. If minimum IN_SET activation current IIN_SET(act) is not reached or if the D-pin reaches the high level threshold VD(th) the OUT_SET current is reduced to IOUT_SET(OFF). This allows to drive other devices via OUT_SET, even when digital dimming is required, without external components (see application drawing example in Chapter 7). Supply Protection VS (*) The drawing refers to a generic LITIX™ BASIC+ device, and does not represent a specific device pinout (only the relevant connections for microcontroller IN_SET control are shown) RSET LITIX™ Basic+ (*) PWMI OUT GND IN_SET Microcontroller OUT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |