Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB35CEU6TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32WB35CEU6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CEU6TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32WB35CEU6TR Datasheet HTML 11Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 12Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 13Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 14Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 15Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 16Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 17Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 18Page - STMicroelectronics STM32WB35CEU6TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 193 page
background image
DS11929 Rev 10
15/193
STM32WB55xx STM32WB35xx
Description
57
Analog comparator
2
Max CPU frequency
64 MHz
Ambient
-40 to +85 and -40 to +105 °C
-40 to
+85
°C
-40 to +85 and -
40 to +105 °C
Junction
-40 to +105 and -40 to +125 °C
-40 to
+105
°C
-40 to +105 and
-40 to +125 °C
Operating voltage
1.71 to 3.6 V
Package
UFQFPN48
7 mm x 7 mm
0.5 mm pitch,
solder pad
VFQFPN68
8 mm x 8 mm
0.4 mm pitch,
solder pad
WLCSP100
0.4 mm pitch
UFQFPN48
7 mm x 7 mm
0.5 mm pitch,
solder pad
UFBGA129
0.5 mm pitch
-
1. USART peripheral can be used as SPI.
Table 2. STM32WB55xx and STM32WB35xx devices features and peripheral counts (continued)
Feature
STM32WB55Cx
STM32WB55Rx
STM32WB55Vx
STM32WB35Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com