Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB35CEV7TR Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32WB35CEV7TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CEV7TR Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32WB35CEV7TR Datasheet HTML 86Page - STMicroelectronics STM32WB35CEV7TR Datasheet HTML 87Page - STMicroelectronics STM32WB35CEV7TR Datasheet HTML 88Page - STMicroelectronics STM32WB35CEV7TR Datasheet HTML 89Page - STMicroelectronics STM32WB35CEV7TR Datasheet HTML 90Page - STMicroelectronics STM32WB35CEV7TR Datasheet HTML 91Page - STMicroelectronics STM32WB35CEV7TR Datasheet HTML 92Page - STMicroelectronics STM32WB35CEV7TR Datasheet HTML 93Page - STMicroelectronics STM32WB35CEV7TR Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 193 page
background image
Electrical characteristics
STM32WB55xx STM32WB35xx
90/193
DS11929 Rev 10
Table 27. RF transmitter BLE characteristics (2 Mbps)(1)
Symbol
Parameter
Test conditions
Min
Typ Max
Unit
Prf
Maximum output power
SMPS Bypass or ON
(VFBSMPS = 1.7 V and
VDD > 1.95 V)(2)
-6.0
-
dBm
SMPS Bypass or ON
(VFBSMPS = 1.4 V and
VDD > 1.71 V), Code 29(2)
-3.7
-
0 dBm output power
--
0
-
Minimum output power
--
-20
-
Pband
Output power variation over the band
Tx = 0 dBm - Typical
-0.5
-
0.4
dB
BW6dB
6 dB signal bandwidth
Tx = maximum output power
-
670
-
kHz
IBSE
In band spurious emission
4 MHz
Bluetooth® Low Energy: -20 dBm
-
-56
-
dBm
5 MHz
Bluetooth® Low Energy: -20 dBm
-
-57
-
≥ 6 MHz
Bluetooth® Low Energy: -30 dBm
-58
fd
Frequency drift
Bluetooth® Low Energy: ±50 kHz
-50
-
50
kHz
maxdr
Maximum drift rate
Bluetooth® Low Energy:
±20 kHz / 50 µs
-20
-
20
kHz/
50 µs
fo
Frequency offset
Bluetooth® Low Energy: ±150 kHz -150
-
150
kHz
∆f1
Frequency deviation average
Bluetooth® Low Energy:
between 450 and 550 kHz
450
-
550
∆fa
Frequency deviation
∆f2 (average) / ∆f1 (average)
Bluetooth® Low Energy:> 0.80
0.80
-
-
-
OBSE(3)
Out of band
spurious emission
< 1 GHz
-
-
-61
-
dBm
≥ 1 GHz
-
-
-46
-
1. Measured in conducted mode, based on reference design (see AN5165), using output power specific external RF filter and
impedance matching networks to interface with a 50 Ω antenna.
2. VFBSMPS and VDD must be set to different voltage levels, depending upon the desired TX signal (see AN5246 Usage of
SMPS on STM32WB Series microcontrollers, available on www.st.com).
3. Suitable for systems targeting compliance with worldwide radio-frequency regulations ETSI EN 300 328 and EN 300 440
Class 2 (Europe), FCC CFR47 Part 15 (US), and ARIB STD-T66 (Japan).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com