Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CEU6AXXX Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32WB55CEU6AXXX
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CEU6AXXX Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32WB55CEU6AXXX Datasheet HTML 13Page - STMicroelectronics STM32WB55CEU6AXXX Datasheet HTML 14Page - STMicroelectronics STM32WB55CEU6AXXX Datasheet HTML 15Page - STMicroelectronics STM32WB55CEU6AXXX Datasheet HTML 16Page - STMicroelectronics STM32WB55CEU6AXXX Datasheet HTML 17Page - STMicroelectronics STM32WB55CEU6AXXX Datasheet HTML 18Page - STMicroelectronics STM32WB55CEU6AXXX Datasheet HTML 19Page - STMicroelectronics STM32WB55CEU6AXXX Datasheet HTML 20Page - STMicroelectronics STM32WB55CEU6AXXX Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 193 page
background image
DS11929 Rev 10
17/193
STM32WB55xx STM32WB35xx
Description
57
Figure 2. STM32WB35xx block diagram
MS53592V1
DMA1 7 channels
NVIC
TIM2
PWR
TIM1
GPIO Ports
A, B, C, E, H
EXTI
32 KB SRAM1
RTC2
I-WDG
LSE
32 kHz
HSE2
32 MHz
MSI up to
48 MHz
HSI 1%
16 MHz
PLL1
And
PLL2
Power supply POR/
PDR/BOR/PVD/AVD
ADC1 16-bit ULP
4.26 Msps / 19 ch
NVIC
IPCC
BLE IP
RNG
LSI1
32 kHz
BLE / 802.15.4
RF IP
LPTIM2
LPTIM1
AES2
DBG
WKUP
BLE
CRC
RCC + CSS
SYSCFG/COMP
APB asynchronous
RCC2
HSEM
WWDG
I2C3
LPUART1
SPI1
I2C1
USART1
CRS
RC48
USB FS + RAM
PKA + RAM
LSI2
32 kHz
TIM16, TIM17
MPU
Cortex-M0+
802.15.4
QSPI - XIP
32 KB SRAM2a
Backup
SAI1
Cortex-M4
(DSP)
32 KB SRAM2b
AES1
FPU
TAMP
DMA2 7 channels
DMAMUX
Temp (
oC) sensor
APB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com