Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2262 Datasheet(PDF) 3 Page - 3M Electronics

Part # 2262
Description  3M™ Plastic Adhesive 2262
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2262 Datasheet(HTML) 3 Page - 3M Electronics

  2262 Datasheet HTML 1Page - 3M Electronics 2262 Datasheet HTML 2Page - 3M Electronics 2262 Datasheet HTML 3Page - 3M Electronics 2262 Datasheet HTML 4Page - 3M Electronics 2262 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3M™ Plastic Adhesive 2262
Typical Performance Characteristics (continued)
180° Peel
Adhesion
Attribute
Modi er
Dwell/Cure Time
Temp C
Temp F
Substrate
Failure mode
Environmental
Condition
120 oz/in
Unsupported Vinyl 1
23C
73F
Polyester (PET)
s
232 oz/in
Unsupported Vinyl 7
23C
73F
Polyester (PET)
s
{336.s} oz/in
Unsupported Vinyl 7
60C
140F
Polyester (PET)
272 oz/in
Unsupported Vinyl 7
23C
73F
Polyester (PET)
s
100%RH
168 oz/in
Unsupported Vinyl 1
23C
73F
Wood - Maple
s
320 oz/in
Unsupported Vinyl 7
23C
73F
Wood - Maple
s
TV oz/in
Unsupported Vinyl 7
60C
140F
Wood - Maple
TV oz/in
Unsupported Vinyl 7
23C
73F
Wood - Maple
100%RH
240 oz/in
Supported Vinyl
1
23C
73F
Glass
v
288 oz/in
Supported Vinyl
7
23C
73F
Glass
v
0 oz/in
Supported Vinyl
7
23C
73F
Glass
s
100%RH
240 oz/in
Supported Vinyl
1
23C
73F
Aluminum
s
304 oz/in
Supported Vinyl
7
23C
73F
Aluminum
v
208 oz/in
Supported Vinyl
7
60C
140F
Aluminum
v
192 oz/in
Supported Vinyl
7
23C
73F
Aluminum
s
100%RH
256 oz/in
Supported Vinyl
1
23C
73F
Polyester (PET)
v
256 oz/in
Supported Vinyl
7
23C
73F
Polyester (PET)
v
224 oz/in
Supported Vinyl
7
60C
140F
Polyester (PET)
v
208 oz/in
Supported Vinyl
7
23C
73F
Polyester (PET)
v
100%RH
248 oz/in
Supported Vinyl
1
23C
73F
Wood - Maple
v
280 oz/in
Supported Vinyl
7
23C
73F
Wood - Maple
v
{224.v} oz/in
Supported Vinyl
7
60C
140F
Wood - Maple
272 oz/in
Supported Vinyl
7
23C
73F
Wood - Maple
v
100%RH
Property: 180° Peel Adhesion
Dwell Time Units: day
notes: 3M™ Plastic Adhesive 2262 was used to bond unsupported vinyl (a clad grade containing approximately 30 phr DOP*) and supported vinyl to various
substrates. Bonds were made by brush coating both surfaces; when the vinyl coated surface was slightly tacky (approximately 3-5 minutes), both surfaces were
mated together and rolled to insure good contact. The bonds were subjected to various aging conditions and tested in 180° peel at a rate of 2 inches per minute.
Note: The above adhesion values will vary for other grades of vinyl depending upon the amount and type of plasticizer present. *30 parts per hundred resin of
dioctyl phthalate plasticizer. c - Adhesive failed cohesively s - Bond failed in adhesion to indicated substrate v - Bond failed in adhesion to vinyl TV - Vinyl tore
before bond failed



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com