Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

971 Datasheet(PDF) 2 Page - 3M Electronics

Part # 971
Description  3M??Ultra Durable Floor Marking Tape 971
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

971 Datasheet(HTML) 2 Page - 3M Electronics

  971 Datasheet HTML 1Page - 3M Electronics 971 Datasheet HTML 2Page - 3M Electronics 971 Datasheet HTML 3Page - 3M Electronics 971 Datasheet HTML 4Page - 3M Electronics 971 Datasheet HTML 5Page - 3M Electronics 971 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ Ultra Durable Floor Marking Tape 971
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Color
Yellow, White, Red, Blue,
Orange and Green
Total Tape Thickness
0.84 mm
33 mil
ASTM D3652
Backing
Polylactic Acid (PLA)
Adhesive
Rubber
Liner Thickness
0.064 mm
2.5 mil
ASTM D3652
Typical Performance Characteristics
Property
Values
Method
Substrate
Peel Adhesion
18.6 N/cm
170 oz/in
ASTM D3330
Stainless Steel
Tensile Strength
175 N/cm
110 lb/in
ASTM D3759
Elongation at Break
190 %
ASTM D3759
Temperature Use
Range
4 to 49 °C
40 to 120 °F
Liner Release
14 g/cm
1.3 oz/in
ASTM D3330



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com