Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

481 Datasheet(PDF) 1 Page - 3M Electronics

Part # 481
Description  3M??Preservation Sealing Tape 481
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

481 Datasheet(HTML) 1 Page - 3M Electronics

  481 Datasheet HTML 1Page - 3M Electronics 481 Datasheet HTML 2Page - 3M Electronics 481 Datasheet HTML 3Page - 3M Electronics 481 Datasheet HTML 4Page - 3M Electronics 481 Datasheet HTML 5Page - 3M Electronics 481 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ASK A 3M EXPERT
June, 2010
3M™ Preservation Sealing Tape 481
Product Description
3M™ Preservation Sealing Tape 481 has a unique rubber adhesive that
provides excellent performance as an industrial and military preservation
tape.
Product Features
• Conforms to many irregular surfaces and has excellent stain resistance.
• E ective for many outdoor applications in hot and cold weather over two
years with quick, clean removal. Can be certi ed to Military Speci cation:
SAE-AMS-T-22085 Type II.
• Polyethylene backing provides good conformability to many surfaces.
• Excellent stain resistance to a variety of surfaces.


Similar Part No. - 481

ManufacturerPart #DatasheetDescription
logo
Littelfuse
481 LITTELFUSE-481 Datasheet
38Kb / 1P
Blade Terminal & Special Purpose Fuses
logo
List of Unclassifed Man...
481 ETC2-481 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Oscilent Corporation
481 OSCILENT-481 Datasheet
150Kb / 3P
HCMOS / TTL Output
logo
American Beauty Tools
481 AMERICANBEAUTY-481 Datasheet
1Mb / 2P
40 WATT, 1/4" PENCIL-STYLE SOLDERING IRON
logo
Adafruit Industries
481 ADAFRUIT-481 Datasheet
684Kb / 3P
Rugged Metal Pushbutton with Blue LED Ring - 16mm Blue Momentary
7-20-18
More results

Similar Description - 481

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4411N 3M-4411N Datasheet
281Kb / 6P
Extreme Sealing Tape
3732 3M-3732 Datasheet
571Kb / 4P
3M??Scotch짰 High Performance Printed Box Sealing Tape 3732
371 3M-371 Datasheet
570Kb / 4P
3M™ Scotch® Industrial Box Sealing Tape 371
May-2017
372 3M-372 Datasheet
562Kb / 4P
3M??Scotch짰 Performance Box Sealing Tape 372
353 3M-353 Datasheet
570Kb / 4P
3M ??Scotch짰 High Performance Box Sealing Tape 353
313 3M-313 Datasheet
560Kb / 4P
3M ??Scotch짰 Box Sealing Tape 313
3199 3M-3199 Datasheet
564Kb / 4P
3M™ Scotch® Security Message Box Sealing Tape 3199
Jan-2011
369 3M-369 Datasheet
133Kb / 4P
3M™ Tartan™ Box Sealing Tape 369
Jun-2017
8777 3M-8777 Datasheet
137Kb / 5P
3M??Sealing Tape 8777
311 3M-311 Datasheet
115Kb / 3P
Box Sealing Tape
2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com