Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

431 Datasheet(PDF) 2 Page - 3M Electronics

Part # 431
Description  3M™ Aluminum Foil Tape 431
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

431 Datasheet(HTML) 2 Page - 3M Electronics

  431 Datasheet HTML 1Page - 3M Electronics 431 Datasheet HTML 2Page - 3M Electronics 431 Datasheet HTML 3Page - 3M Electronics 431 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Aluminum Foil Tape 431
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Color
Shiny Silver
Total Tape Thickness
0.08 mm
3.1 mil
ASTM D3652
Backing Thickness
0.05 mm
1.9 mil
ASTM D3652
Backing
Aluminum Foil
Adhesive
Acrylic
Approximate Weight
0.0049 g/m/24 mm
0.0096 lb/yd/in
Water Vapor Transmission
0.77 g/m²/24 hr
0.05 g/100 in²/24 hr
ASTM D3833
Typical Performance Characteristics
Property
Values
Method
Dwell/Cure
Time
Substrate
Notes
180° Peel
Adhesion
4.5 N/cm
41 oz/in
ASTM D3330
Initial
Stainless Steel
12 in/min (300 mm/min)
Tensile
Strength
33.3 N/cm
19 lb/in
ASTM D3759
Elongation at
Break
5 %
ASTM D3759
Temperature
Use Range
-54 to 149 °C
-65 to 300 °F
Available Sizes
Property
Values
Standard Roll Length
55 m
60 yd
Handling/Application Information
Application Ideas
• Seal and patch tears in truck trailers, as well as other outdoor equipment.
• Re ect heat away from sensitive areas.
• Thermal heat conduction.
• General purpose holding, patching, sealing applications – indoors or out.
• Splicing of thin gauge foils.
• Good maskant in electroplating of aluminum because it will not contaminate the bath.
• Decorative.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com