Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1EPQR Datasheet(PDF) 88 Page - STMicroelectronics

Part # STPMIC1EPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1EPQR Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STPMIC1EPQR Datasheet HTML 84Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 85Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 86Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 87Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 88Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 89Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 90Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 91Page - STMicroelectronics STPMIC1EPQR Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 140 page
background image
6.4
Power supplies control registers
6.4.1
BUCKx MAIN mode control registers (BUCKx_MAIN_CR) (x=1…4)
Table 38. BUCKx_MAIN_CR
7
6
5
4
3
2
1
0
VOUT[5:0]
PREG_MODE
ENA
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address: 0x20 to 0x23
Type: Read/write register
Default: 0bXXXXXX0X where X depends on the value programmed in NVM
Description: BUCKx MAIN mode control registers. Registers are initialized in CHECK&LOAD state. User can write
to these registers to control enable, regulation mode and voltage setting of BUCKx that are applied to MAIN
mode.
[7:2]
VOUT[5:0]: Buck output voltage setting. Refer to Table 10. BUCK output settings
[1]
PREG_MODE: select high power or low power regulation mode
0: High power mode (HP)
1: Low power mode (LP)
[0]
ENA: Buck enable bit
0: Buck is disabled
1: Buck is enabled
STPMIC1
Power supplies control registers
DS12792 - Rev 7
page 88/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com