Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5C8U6TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32WLE5C8U6TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5C8U6TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32WLE5C8U6TR Datasheet HTML 22Page - STMicroelectronics STM32WLE5C8U6TR Datasheet HTML 23Page - STMicroelectronics STM32WLE5C8U6TR Datasheet HTML 24Page - STMicroelectronics STM32WLE5C8U6TR Datasheet HTML 25Page - STMicroelectronics STM32WLE5C8U6TR Datasheet HTML 26Page - STMicroelectronics STM32WLE5C8U6TR Datasheet HTML 27Page - STMicroelectronics STM32WLE5C8U6TR Datasheet HTML 28Page - STMicroelectronics STM32WLE5C8U6TR Datasheet HTML 29Page - STMicroelectronics STM32WLE5C8U6TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 145 page
background image
Functional overview
STM32WLE5/E4xx
26/145
DS13105 Rev 8
The LDO or SMPS step-down converter operating mode can be configured by one of the
following:
•
by the MCU using the SMPSEN setting in PWR control register 5 (PWR_CR5), that
depends upon the MCU system operating mode (Run, Stop, Standby or Shutdown).
•
by the sub-GHz radio using SetRegulatorMode() command and the sub-GHz radio
operating mode (Sleep, Calibrate, Standby, Standby with HSE32 or Active).
After any POR and NRST reset, the LDO mode is selected. The SMPS selection has priority
over LDO selection.
While the sub-GHz radio is in Standby with HSE32 or in Active mode, the supply mode is
not altered until the sub-GHz radio enters Standby or Sleep mode. The sub-GHz radio
activity may add a delay for entering the MCU software requested supply mode.
The LDO or SMPS supply mode can be checked with the SMPSRDY flag in power status
register 2 (PWR_SR2).
Note:
When the radio is active, the supply mode is not changed until after the radio activity is
finished.
During Stop 1, Stop 2 and Standby modes, when the sub-GHz radio is not active, the LDO
or SMPS step-down converter is switched off. When exiting low-power modes (except
Shutdown), the SMPS step-down converter is set by hardware to the mode selected by the
SMPSEN bit in PWR control register 5 (PWR_CR5). SMPSEN is retained in Stop and
Standby modes.
Independently from the MCU software selected supply operating mode, the sub-GHz radio
allows the supply mode selection while the sub-GHz radio is active (thanks to the sub-GHz
radio SetRegulatorMode()command).
The maximum load current delivered by the SMPS can be selected by the sub- GHz radio
SUBGHZ_SMPSC2R register.
The inrush current of the LDO and SMPS step-down converter can be controlled via the
sub- GHz radio SUBGHZ_PCR register. This information is retained in all but the sub-GHz
radio Deep-sleep mode.
The SMPS needs a clock to be functional. If for any reason this clock stops, the device may
be destroyed. To avoid this situation, a clock detection is used to, in case of a clock failure,
switch off the SMPS and enable the LDO. The SMPS clock detection is enabled by the sub-
GHz radio SUBGHZ_SMPSC0R.CLKDE. By default, the SMPS clock detection is disabled
and must be enabled before enabling the SMPS.
Danger:
Before enabling the SMPS, the SMPS clock detection must be
enabled in the sub-GHz radio SUBGHZ_SMPSC0R.CLKDE.
3.9.2
Power supply supervisor
The devices integrate a power-on reset/power-down reset, coupled with a Brownout reset
(BOR) circuitry.
BOR0 level cannot be disabled. Other BOR levels can be enabled by user option. When
enabled, BOR is active in all power modes except in Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com