| Electronic Components Datasheet Search |
|
STM32WLE5JCU6TR Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE5JCU6TR Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 145 page ![]() Functional overview STM32WLE5/E4xx 20/145 DS13105 Rev 8 For this, the REG PA must be supplied directly from VDD on VDDSMPS pin, as shown in the figure below. The output power range is programmable in 32 steps of ~ 1 dB. The power amplifier ramping timing is also programmable.This allows adaptation to meet radio regulation requirements. Figure 3. High output power PA The table below gives the maximum transmit output power versus the VDDPA supply level. Transmitter low output power The transmit low output power up to + 15 dBm on full VDD range (1.8 to 3.6 V), is supported through the RFO_LP RF pin. For this, the REG PA must be supplied from the regulated VFBSMPS supply at 1.55 V, as shown in the figure below. The output power range is programmable in 32 steps of ~1 dB. The power amplifier ramping timing is also programmable.This allows adaptation to meet radio regulation requirements. Table 4. Sub-GHz radio transmit high output power VDDPA supply (V) Transmit output power (dBm) 3.3 + 22 2.7 + 20 2.4 + 19 1.8 + 16 MSv62616V2 VLXSMPS VFBSMPS (1.55V) VDDPA VR_PA (up to 3.1V) RFO_HP LDO/SMPS REG PA HP PA VLXSMPS VFBSMPS (1.55V) VDDPA VR_PA (up to 3.1V) RFO_HP LDO/SMPS REG PA HP PA VDD VDD VDD VDD VDDSMPS (1.8 to 3.6V) VDDSMPS (1.8 to 3.6V) LDO mode SMPS mode Note: Use of the SMPS is optional. When SMPS is not used, the BOM can be reduced by removing the coil between VLXSMPS and VFBSMPS pins. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |