Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE4JCU7TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32WLE4JCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU7TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32WLE4JCU7TR Datasheet HTML 14Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 15Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 16Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 17Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 18Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 19Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 20Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 21Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 145 page
background image
Functional overview
STM32WLE5/E4xx
18/145
DS13105 Rev 8
3.6
Security management
The devices contain many security blocks, such as:
•
RNG
•
AES: 128-and 256-bit AES, supporting ECB, CBC, CTR, GCM, GMAC and CCM
chaining modes
•
PKA:
–
modular arithmetic including exponentiation with maximum modulo size of
3136 bits
–
elliptic curves over prime field scalar multiplication, ECDSA signature, ECDSA
verification with maximum modulo size of 521 bits
•
cyclic redundancy check calculation unit (CRC)
3.7
Boot modes
At startup, BOOT0 pin and BOOT1 option bit are used to select one of the following boot
options:
•
Boot from user Flash memory
•
Boot from boot system memory (where embedded bootloader is located)
•
Boot from embedded SRAM
The bootloader makes possible to download code from USART or SPI.
3.8
Sub-GHz radio
3.8.1
Introduction
The sub-GHz radio is an ultra-low-power sub-GHz radio operating in the 150 - 960 MHz ISM
band. LoRa, (G)FSK/(G)MSK modulation in transmit and receive, and (D)BPSK in transmit
only, allow an optimal trade-off between range, data rate and power consumption. This sub-
GHz radio is compliant with the LoRaWAN® specification v1.0 and radio regulations such as
ETSI EN 300 220, EN 300 113, EN 301 166, FCC CFR 47 part 15, 24, 90, 101 and the ARIB
STD-T30, T-67, T-108.
The sub-GHz radio consists of:
•
an analog front-end transceiver, capable of outputting up to + 15 dBm maximum power
on its RFO_LP pin and up to + 22 dBm maximum power on RFO_HP pin
•
a digital modem bank providing the following modulation schemes:
–
LoRa Rx/Tx with bandwidth (BW) from 7.8 - 500 kHz, spreading factor (SF)
5 - 12, bit rate (BR) from 0.013 to 17.4 Kbit/s (real bitrate)
–
FSK and GFSK Rx/Tx with BR from 0.6 to 300 Kbit/s
–
(G)MSK Tx with BR from 0 to 10 Kbit/s
–
BPSK and DBPSK TX only with bitrate for 100 and 600 bit/s
•
a digital control including all data processing and sub-GHz radio configuration control
•
a high-speed clock generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com