Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS660CSFY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS660CSFY
Description  Automotive 60 V, dual 3 A power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS660CSFY Datasheet(HTML) 1 Page - STMicroelectronics

  STPS660CSFY Datasheet HTML 1Page - STMicroelectronics STPS660CSFY Datasheet HTML 2Page - STMicroelectronics STPS660CSFY Datasheet HTML 3Page - STMicroelectronics STPS660CSFY Datasheet HTML 4Page - STMicroelectronics STPS660CSFY Datasheet HTML 5Page - STMicroelectronics STPS660CSFY Datasheet HTML 6Page - STMicroelectronics STPS660CSFY Datasheet HTML 7Page - STMicroelectronics STPS660CSFY Datasheet HTML 8Page - STMicroelectronics STPS660CSFY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
•
AEC-Q101 qualified
•
PPAP capable
•
175 °C maximum operation junction temperature
•
VRRM guaranteed from -40 °C to 175 °C
•
High surge current capability
•
ECOPACK2 compliant component
Application
•
Reverse polarity protection in E.C.U
•
DC/DC converters
•
Freewheeling diodes
Description
The STPS660CSFY has been developed for applications requiring an optimized VF
and leakage current characteristics.
These characteristics make it ideal for use in secondary rectification functions, such
as DC/DC converters or freewheeling functions.
Product status link
STPS660CSFY
Product summary
Symbol
Value
IF(AV)
2 X 3 A
VRRM
60 V
Tj (max.)
175 °C
VF (typ.)
0.50 V
Automotive 60 V, dual 3 A power Schottky rectifier
STPS660CSFY
Datasheet
DS13525 - Rev 1 - October 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS660CSFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS660CB STMICROELECTRONICS-STPS660CB Datasheet
43Kb / 3P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS660CB-TR STMICROELECTRONICS-STPS660CB-TR Datasheet
43Kb / 3P
POWER SCHOTTKY RECTIFIER
Jul-1998
More results

Similar Description - STPS660CSFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3H100UFNY STMICROELECTRONICS-STPS3H100UFNY Datasheet
206Kb / 9P
Automotive 100 V, 3 A power Schottky rectifier
Rev 1 - January 2020
STPS630CSFY STMICROELECTRONICS-STPS630CSFY Datasheet
318Kb / 9P
Automotive 30 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS640CSFY STMICROELECTRONICS-STPS640CSFY Datasheet
318Kb / 9P
Automotive 40 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS560SFY STMICROELECTRONICS-STPS560SFY Datasheet
474Kb / 11P
Automotive 60 V, 5 A power Schottky rectifier
February 2019 Rev 1
STPS5L60SFY STMICROELECTRONICS-STPS5L60SFY Datasheet
474Kb / 11P
Automotive 60 V low VF power Schottky rectifier
14-Aug-2018
STPS61170C-Y STMICROELECTRONICS-STPS61170C-Y Datasheet
216Kb / 9P
Automotive 170 V, dual 30 A lowdrop power Schottky rectifier
20-Nov-2019
STPS10H60SFY STMICROELECTRONICS-STPS10H60SFY Datasheet
473Kb / 11P
Automotive 60 V low Ir power Schottky rectifier
06-Aug-2018
logo
Nexperia B.V. All right...
PMEG6030ETP-Q NEXPERIA-PMEG6030ETP-Q Datasheet
260Kb / 13P
High-temperature 60 V, 3 A Schottky barrier rectifier
20 February 2023
PMEG6030EVP-Q NEXPERIA-PMEG6030EVP-Q Datasheet
259Kb / 13P
60 V, 3 A Schottky barrier rectifier
20 February 2023
PMEG6030EVP NEXPERIA-PMEG6030EVP Datasheet
260Kb / 13P
60 V, 3 A Schottky barrier rectifier
20 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com