Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC113 Datasheet(PDF) 2 Page - 3M Electronics

Part # AC113
Description  3M Scotch-Weld??Instant Adhesive Activators and Primers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AC113 Datasheet(HTML) 2 Page - 3M Electronics

  AC113 Datasheet HTML 1Page - 3M Electronics AC113 Datasheet HTML 2Page - 3M Electronics AC113 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M™ Scotch-Weld™
Instant Adhesive Activators and Primers
AC09 • AC11 • AC113 • AC452 • AC77 • AC79
Typical Uncured
Physical Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
3M
™ Scotch-Weld™ General Purpose Instant Adhesive
AC09
AC11*
AC113
AC452*
AC77
AC79
Color
Clear
Clear
Clear
Light
Amber
Clear
Clear
Solvent
Fluorinated
Ether
Hydrocarbon
mixture
Heptane
Acetone
Heptane
Acetone
Appearance
Liquid
Liquid
Liquid
Liquid
Liquid
Liquid
Specific Gravity (g/ml)
1.4
0.7
0.7
0.8
0.7
0.7
Viscosity (cps) **
1
< 3
< 3
< 2
< 3
2
* Not available in the Americas Region. ** Viscosity measured by Brookfield Viscometer RVT Spindle #1 @ 30 rpm
Handling
Information
Surface Preparation
Prepare bonding surfaces according to Surface Preparation recommendations for the
cyanoacrylate that will be used.
Directions for Use
3M™ Scotch-Weld™ Activators (AC09, AC11, AC113, AC452):
1. Apply activator by wipe, brush, or pump spray.
2. Allow activator’s solvent to evaporate completely.
3. Apply cyanoacrylate adhesive within one minute of solvent drying.
4. Reapply activator if there is a delay greater than one minute between
activator drying and cyanoacrylate dispensing.
3M™ Scotch-Weld™ Primers (AC77, AC79):
1. Apply primer to all difficult-to-bond plastic or elastomeric surfaces.
2. Allow solvent to dry completely.
3. Promptly bond with a Scotch-Weld™ cyanoacrylate for plastic or
elastomeric bonding.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com