Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3779 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3779
Description  3M Hot Melt Adhesive
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3779 Datasheet(HTML) 2 Page - 3M Electronics

  3779 Datasheet HTML 1Page - 3M Electronics 3779 Datasheet HTML 2Page - 3M Electronics 3779 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M™ Hot Melt Adhesive
3747 • 3779 • 3789 • 3797
Directions for
Use (continued)
3. Coverage: 3M™ Hot Melt Adhesives yield approximately 430 linear feet per pound
of adhesive when extruded as a 1/8” diameter semi-circular bead.
4. Se t up time: After the bond is made, 3M™ Hot Melt Adhesives immediately build
strength and no clamping is necessary. Set will occur faster on cold or metallic
substrates.
Typical
Application
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
3M™ Hot Melt Adhesive
3747
3779
3789
3797
Application
Temperature 1
350-385°F/
177-196°C
350-385°F/
177-196°C
350-385°F/
177-196°C
350-385°F/
177-196°C
Viscosity (CPS)2
4,100 @
375°F
7,000 @
375°F
5,200 @
375°F
2,650 @
375°F
Open Time
(seconds)3
45
25
50
30
Delivery Time
(seconds)4
45
75
70
55
Available
sizes/forms
5/8”x8” Q
5/8”x2” TC
1”x3” PG
1/2”x12” AE
5/8”x8” Q
5/8”x2” TC
1”x3” PG
1/8” Bulk
5/8”x8” Q
1”x3” PG
1/8” Bulk
5/8”x2” TC
1”x3” PG
(1) Recommended application temperature range. Temperature can be adjusted to regulate desired
viscosity, delivery rate and pot life.
(2) Brookfield Thermocel Viscometer in Centipoise using a #27 Spindle @ 10 RPM.
(3) Open time is the maximu m time between the application of the adhesive and when the parts
must be joined together. Data based on 1/8" semicircular bead on non-metallic substrates at 75°F.
Higher environmental temperatures and/or larger beads will lengthen open times.
(4) Extrusion time for one 1”x3” PG cartridge.
Typical
Performance
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
3M™ Hot Melt Adhesive
3747
3779
3789
3797
Heat Resistance1
145°F/ 63°C
300°F/ 149°C
220°F/ 104°C
170°F/ 77°C
Ball & Ring Melt
Point2
220°F/ 104°C
325°F/ 163°C
270°F/ 132°C
304°F/ 151°C
Shear Strength3
430 psi
700 psi
570 psi
350 psi
Peel Strength4
20 piw
18 piw
16 piw
10 piw
UL94 Listing
n/a
V0
V2
V2
FDA Indirect
Food Contact5
21 CFR
175.105
21 CFR
175.105
21 CFR
175.105
21 CFR
175.105
(1) Highest temperature that the adhesive will support a 2 psi dead load
(2) ASTM E28-67
(3) Overlap shear measured on Douglas Fir to Douglas Fir
(4) Measured in pounds per inch width (piw). Flexible canvas bonded to Douglas Fir
(5) Permitted for indirect food contact subject to the limitations in applicable CFR section(s).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com