Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMOD4450AI1R Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ZMOD4450AI1R
Description  Gas Sensor Module for Refrigeration Air Quality
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4450AI1R Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ZMOD4450AI1R Datasheet HTML 2Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 3Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 4Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 5Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 6Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 7Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 8Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 9Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ZMOD4450 Datasheet
© 2019 Integrated Device Technology, Inc.
6
October 30, 2019
5. Electrical Characteristics
Values below are valid at operating conditions unless noted otherwise.
Table 4.
ZMOD4450 Electrical Characteristics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
Average Power ZMOD4450
Continuous Operation
–
23
–
mW
IACTIVE
Supply Current, Active Mode including
Heater Current.
At VDD = 1.8V
13
mA
At VDD = 3.3V
7
mA
ISLEEP_Timer
Supply Current, Sleep Mode ASIC
with Wake-up Timer Active
Does not include heater current
–
–
500
µA
ISLEEP
Supply Current, Sleep Mode ASIC,
No Wake-up Timer Active
Does not include sensor heater
current
–
450
–
nA
PSRR
Power Supply Rejection Ratio
VDD ≥ 2.0V
–
30
–
dB
Timing Accuracy
(Valid for Measurements Only)
(Sleep Timer is ±20%)
At room temperature; for timings
derived from the internal clock
-2
–
2
%
Over-temperature range; for timings
derived from the internal clock
-0.1
–
0.1
%/K
rADC
ADC Resolution
10
–
16
Bit
tmeas
ADC Conversion Time
10-bit, no auto-zero
–
0.238
–
ms
10-bit, auto-zero
–
0.476
–
ms
16-bit, auto-zero
–
3.36
–
ms
Vref
Reference Voltage
–
1.5
–
V
IHTR_meas
Heater Resistance Measurement
Current
HTR_range = 0
–
0.4
–
mA
HTR_range = 1
–
0.6
–
mA
HTR_range = 2
–
1.0
–
mA
tSTA1
Start-up Time: VDD Ramp up to
Interface Communication
–
–
1
ms
tSTA2
Start-up Time: VDD Ramp up to Analog
Operation
–
–
2.5
ms
tWUP1
Wake-up Time for Sleep to Active
Mode: Interface Communication
–
–
0.5
ms
tWUP2
Wake-up Time for Sleep to Active
Mode: Analog Operation
–
–
2
ms
fC,I2C
I2C Clock Frequency
–
–
400
kHz
tVPP
NVM Programming Time
–
6
16
ms
tRET_FTP
Data Retention
85°C junction temperature
10
–
–
years
NVM Programming Cycles
1000
–
–
cycles
Default Communication Address
7-bit slave address
–
32HEX
–
–
Blocking Capacitor for Power Supply
Recommended; ceramic type
100
–
–
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com