Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31010 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZSC31010
Description  RBicLiteTM Analog Output Sensor Signal Conditioner
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31010 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZSC31010 Datasheet HTML 19Page - Renesas Technology Corp ZSC31010 Datasheet HTML 20Page - Renesas Technology Corp ZSC31010 Datasheet HTML 21Page - Renesas Technology Corp ZSC31010 Datasheet HTML 22Page - Renesas Technology Corp ZSC31010 Datasheet HTML 23Page - Renesas Technology Corp ZSC31010 Datasheet HTML 24Page - Renesas Technology Corp ZSC31010 Datasheet HTML 25Page - Renesas Technology Corp ZSC31010 Datasheet HTML 26Page - Renesas Technology Corp ZSC31010 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
ZSC31010 Datasheet
© 2016 Integrated Device Technology, Inc.
23
January 20, 2016
ZACwire
TM
Output
Calculation
160
ms
Settling Time
64
ms
Power-On
Settling
128
ms
Power Down
(determined by
Update Rate)
ADC Conversion
768
ms
Calculation
160
ms
ZACwire
TM
Output
Table 3.2 shows the idle time between packets versus the update rate. This idle time can vary by nominal +/-15%
between parts, and over a temperature range of -50 to 150ºC.
Transmissions from the IC occur at one of two speeds depending on the update rate programmed in EEPROM. If
the user chooses one of the two fastest update rates (1 ms or 5 ms) then the baud rate of the digital transmission
will be 32 kHz (minimum 25 kHz). If, however, the user chooses one of the two slower update rates (25 ms or
125 ms), then the baud rate of the digital transmission will be 8 kHz (maximum 9.4 kHz).
The total transmission time for both digital output configurations is shown in Table 3.2.
Table 3.2
Total Transmission Time for Different Update Rate Settings and Output Configuration
Update Rate
Baud Rate*
Idle Time
Transmission Time –
Bridge Only Readings
Transmission Time –
Bridge & Temperature Readings
1 ms (1 kHz)
32 kHz
1.0 ms
20.5 bits
31.30 µs
1.64 ms
31.0 bits
31.30 µs
1.97 ms
5 ms (200 Hz)
32 kHz
4.85 ms
20.5 bits
31.30 µs
5.49 ms
31.0 bits
31.30 µs
5.82 ms
25 ms (40 Hz)
8 kHz
22.5 ms
20.5 bits
125.00 µs
25.06 ms
31.0 bits
125.00 µs
26.38 ms
125 ms (8 Hz)
8 kHz
118.0 ms
20.5 bits
125.00 µs
120.56 ms
31.0 bits
125.00 µs
121.88 ms
* Typical values. Minimum baud rate for 1 ms or 5 ms: 26kHz; maximum baud rate for 25 ms or 125 ms: 9.4kHz.
The temperature raw reading is performed less often than a bridge reading, because the temperature changes
more slowly.
Table 3.3 shows the timing for the special measurements (temperature and bridge measurement) in the different
update rate modes.
Table 3.3
Special Measurement versus Update Rate
Update Rate Setting
Special Measurement
00
Every 128 bridge measurements
01
Every 64 bridge measurements
10
Every 16 bridge measurements
11
Every 8 bridge measurements
It is easy to program any standard microcontroller to communicate with the ZSC31010. IDT can provide sample
code for a MicroChip® PIC microcontroller.
For update rates less than 1 kHz, the output is followed by a power-down, as shown below.
Figure 3.9
ZACwire™ Output Timing for Lower Update Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com