Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31010CEB Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # ZSC31010CEB
Description  RBicLiteTM Analog Output Sensor Signal Conditioner
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31010CEB Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button ZSC31010CEB Datasheet HTML 36Page - Renesas Technology Corp ZSC31010CEB Datasheet HTML 37Page - Renesas Technology Corp ZSC31010CEB Datasheet HTML 38Page - Renesas Technology Corp ZSC31010CEB Datasheet HTML 39Page - Renesas Technology Corp ZSC31010CEB Datasheet HTML 40Page - Renesas Technology Corp ZSC31010CEB Datasheet HTML 41Page - Renesas Technology Corp ZSC31010CEB Datasheet HTML 42Page - Renesas Technology Corp ZSC31010CEB Datasheet HTML 43Page - Renesas Technology Corp ZSC31010CEB Datasheet HTML 44Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
ZSC31010 Datasheet
© 2016 Integrated Device Technology, Inc.
40
January 20, 2016
7
ESD/Latch-Up-Protection
All pins have an ESD protection of > 4000 V and a latch-up protection of
±100 mA or of +8V/-4 V (to VSS/VSSA).
ESD protection referred to the Human Body Model is tested with devices in SOP-8 packages during product
qualification. The ESD test follows the Human Body Model with 1.5 k
Ω/100 pF based on MIL 883, Method 3015.7.
8
Test
The test program is based on this datasheet. The final parameters that will be tested during series production are
listed in the tables of section 1. The digital part of the IC includes a scan path, which can be activated and con-
trolled during wafer test. It guarantees failure coverage of more than 98%. Further test support for testing of the
analog parts on wafer level is included in the DSP.
9
Quality and Reliability
A reliability investigation according to the in-house non-automotive standard has been performed.
10
Customization
For high-volume applications which require an upgraded or downgraded functionality compared to the ZSC31010,
IDT can customize the circuit design by adding or removing certain functional blocks. IDT can provide a custom
solution quickly because it has a considerable library of sensor-dedicated circuitry blocks. Please contact IDT for
further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com