Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB054S Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # IB054S
Description  Infinitesimal surface mount bridge rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

IB054S Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  IB054S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd IB054S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd IB054S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Outline
3.2(0.126)
3.5(0.138)
1.8(0.0709)
2.0(0.0787)
0.4(0.0157)
0.6(0.0236)
IBS
Dimensions in millimeters
Dimensions in millimeters(inches)
0.8(0.0315)
REF
2.2(0.087)
2.6(0.102)
0.34(0.0134)
0.40(0.0157)
2.4(0.0945)
REF
IB054S~IB0510S
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev : 01.12.2020
3/3
www.leiditech.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com