Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83241BV Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83241BV
Description  CDD Device (FDDI Clock Distribution Device)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83241BV Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP83241BV Datasheet HTML 10Page - National Semiconductor (TI) DP83241BV Datasheet HTML 11Page - National Semiconductor (TI) DP83241BV Datasheet HTML 12Page - National Semiconductor (TI) DP83241BV Datasheet HTML 13Page - National Semiconductor (TI) DP83241BV Datasheet HTML 14Page - National Semiconductor (TI) DP83241BV Datasheet HTML 15Page - National Semiconductor (TI) DP83241BV Datasheet HTML 16Page - National Semiconductor (TI) DP83241BV Datasheet HTML 17Page - National Semiconductor (TI) DP83241BV Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
50 Detailed Information (Continued)
522 CDD Device Driving Multiple PLAYER Devices
In a FDDI concentrator or dual attach station it may be
necessary for a single DP83241 Clock Distribution Device
(CDD device) to drive multiple DP8325155 PLAYER devic-
es Since these PLAYER devices will be running synchro-
nously to each other they must have the same clocks The
easiest way to accomplish this is to have one CDD device
drive multiple PLAYER devices
We are only concerned with the ECL outputs being able to
drive multiple loads The conventional way of directly wiring
the one output to many inputs will not work If the ECL sig-
nals are split into multiple traces then reflections will result
which may ruin the signal’s integrity An appropriate method
where individual traces with a series resistor connected to
each load is used instead The series resistor should match
the line impedance and be placed as close to the CDD de-
vice as possible The resistor will act as a voltage divider
and cut the voltage level of the signal in half When this
modified signal reaches the input of the unterminated gate
reflections will cause the signal to double and the receiving
input will see the full voltage swing The reflection will then
travel back towards the CDD device but the series resist-
ance will stop this action An emitter pulldown resistor is
needed at the CDD device for this method of routing the
ECL signals The value of this resistor can be calculated
from the following equation
Re (Max) e
10 Zo b RS
n
Where
Re (Max)
Largest emitter pulldown resistor
that can be used
n
Number of parallel lines being driven
Zo
Trace impedance
RS
Series damping resistor
Another method for sending the ECL signal to multiple play-
ers is to route the ECL signal as a bus line and have each
load connected to the bus The ECL bus line must be termi-
nated only at the very end with a matching impedance (eg
a50X line will be terminated with a 50X load to VCC b 2V)
It is preferred that the input pin be directly connected to the
bus and not have a signal tap connected to the bus Howev-
er if a tap off the bus is necessary the shortest possible tap
is recommended
TLF10385 – 12
FIGURE 5-7 CDD Device Driving Four PLAYER Devices in Parallel
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com