Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCSB701 Datasheet(PDF) 2 Page - Schneider Electric

Part # XCSB701
Description  metal safety switch XCSB - 2 NC 1 NO - slow break - 1 entry tapped Pg 13
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSB701 Datasheet(HTML) 2 Page - Schneider Electric

  XCSB701 Datasheet HTML 1Page - Schneider Electric XCSB701 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Environment
Standards
EN 1088/ISO 14119
EN/IEC 60204-1
UL 508
EN/IEC 60947-5-1
CSA C22.2 No 14
EN/ISO 12100
Product certifications
UL
CSA
Protective treatment
TC
Ambient air temperature for operation
-25…70 °C
Ambient air temperature for storage
-40…70 °C
Vibration resistance
5 gn (f= 10…500 Hz) conforming to IEC 60068-2-6
Shock resistance
10 gn for 11 ms conforming to IEC 60068-2-27
Electrical shock protection class
Class I conforming to EN/IEC 61140
IP degree of protection
IP67 conforming to EN/IEC 60529 and EN/IEC 60947-5-1
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
523 g
Package 1 Height
5 cm
Package 1 width
6.8 cm
Package 1 Length
12.5 cm
Unit Type of Package 2
S02
Number of Units in Package 2
18
Package 2 Weight
9.742 kg
Package 2 Height
15 cm
Package 2 width
30 cm
Package 2 Length
40 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes
Environmental Disclosure
Product Environmental Profile
Contractual warranty
Warranty
18 months



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com