Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC-3333 Datasheet(PDF) 4 Page - 3M Electronics

Part # EC-3333
Description  3M Scotch-WeldTM EpoxyAdhesive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC-3333 Datasheet(HTML) 4 Page - 3M Electronics

  EC-3333 Datasheet HTML 1Page - 3M Electronics EC-3333 Datasheet HTML 2Page - 3M Electronics EC-3333 Datasheet HTML 3Page - 3M Electronics EC-3333 Datasheet HTML 4Page - 3M Electronics EC-3333 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3M™ Scotch-Weld™
Epoxy Adhesive EC-3333 B/A
Technical Datasheet
Adhesive Application
A. Adhesive Mixing
3M™ Scotch-Weld™ Epoxy Adhesive EC-3333 B/A is supplied in dual plastic
cartridges. To use, insert the dual syringe cartridge into an applicator and advance
the plungers into the cylinders using light pressure on the trigger. Next remove the
cap from the cartridge and expel a small amount of adhesive to be sure both sides
of the cartridge are flowing evenly and freely. If automatic mixing of Part A and
Part B is desired, attach a 6 inch or longer mixing nozzle to the cartridge and
dispense the adhesive. If mixing a nozzle is not used, dispense both components
into a container and thoroughly mix with a spatula until a uniform gray color is
achieved.
Scotch-Weld EC-3333 B/A Adhesive is also available in kit form consisting of
Part B (Base) and Part A (Accelerator). To use, measure 2 parts of base to 1 part
of accelerator by volume (or 100 parts to 49 parts by weight). Mix thoroughly
with spatula until it is a uniform gray color.
IMPORTANT: Be careful when mixing quantities larger than 50 grams (2 oz.)
because an exothermic reaction may occur.
Apply adhesive to parts to bonded and assemble bonds before the work life
expires parts must be clamped or held together until cured.
B. Work Life
The work life of a 20 gram batch is over 20 minutes at 70-75°F. Larger quantities
and/or higher temperatures will result in shorter work lives.
C. Curing Characteristics
The data reported in the Typical Product Performance section (on page 3) were
developed using a cure of 5 to 7 days at 70-80°F and 2 psi bonding pressure. At
70-80°F, bonds of Scotch-Weld EC-3333 B/A Adhesive generally reach handling
strength in 2 to 3 hours. Full cure is reached in 7 days. If faster cures are desired,
bonds may be heated. At 120°F, full cure is reached in approximately 2 hours.
D. Cleanup
Excess filler and equipment may be cleaned prior to curing with toluene or
Ketone solvents.*
*When using solvents, extinguish all ignition sources in the area, observe
precautionary measures as well as all appropriate government and industry
regulations.
Storage Stability
The standard shelf life for Scotch-Weld EC-3333 B/A Adhesive is 12 months
from the date of shipment, when stored indoors in a dry place at 80°F or less in
the original container.
- 4 -



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com