Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8730HT Datasheet(PDF) 1 Page - 3M Electronics

Part # 8730HT
Description  3M??Polyurethane Protective Tape 8730HT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8730HT Datasheet(HTML) 1 Page - 3M Electronics

  8730HT Datasheet HTML 1Page - 3M Electronics 8730HT Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
June 2018
3M™ Polyurethane Protective Tape 8730HT
Technical Data Sheet
Product Description
3M™ Polyurethane Protective Tape 8730HT (high temperature) is made from a UV stable polyurethane elastomer
that resists punctures, tearing, and abrasion. 3M 8730HT Tape is specifically designed for use in elevated
temperature applications. It provides a simple, easy method of protecting a surface from corrosion, erosion, and
minor impact damage. It can be painted or applied over painted surfaces. The tape is constructed with a pressure
sensitive acrylic adhesive that is protected with an easy release plastic liner.
Typical Physical Properties and Performance Characteristics
Note: 1) The following technical information and data should be considered representative or typical only and should not be used for
specification purposes. 2) ASTM = American Society for Testing and Materials. 3) Metric values are listed in parenthesis
Property
Test Method
Units
Typical Value
Tensile Strength @ Break
ASTM D882
lb./in. (N/100 mm)
83 (1453)
Elongation % @ Break
ASTM D882
%
500
Peel Adhesion @ 70°F (21°C) to:
Bare Aluminum 2043 T3
304 Brite #7 Stainless Steel
MIL-PRF-85285 Paint*
ASTM D-3330
Method A
24 hr dwell
oz./in. (N/100 mm)
100 (109)
80 (88)
110 (120)
Taber Abrasion Mass Loss
ASTM C50 H18,
1kg, 1000 cycles
g
0.025
Hardness
ASTM D2240
Shore A
80
Thermal Conductivity
ASTM C177
W/m•K
0.18
Temperature Capability
3M 8730HT Tape can be used in applications with
continuous temperatures up to 250°F (121°C).
*Paint sanded with 320 grit sandpaper and tape applied using 3M™ Protective Tape Application Solution.
Dimensions
Approximate Applied Thickness*
0.012 inch (0.30 mm) Film
0.002 inch (0.06 mm) Adhesive
0.014 inch (0.36 mm) Total thickness
Standard Roll Length
36 yd. (32.9 m)
Available Widths
Minimum 1 inch
Maximum 24 inches
(1.25 cm to 61 cm)
Approximate Weight*
0.80 lb/yd2 (436 g/m2)
*Excludes the plastic liner that is removed from the tape prior to application.


Similar Part No. - 8730HT

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
8730-10 ASM-SENSOR-8730-10 Datasheet
1Mb / 8P
WAVE COMPARATOR
logo
Agilent(Hewlett-Packard...
87300B HP-87300B Datasheet
173Kb / 4P
Agilent 87300B,C,D and 87301B,C,D,E Directional Couplers 87310B Hybrid Coupler
87302C HP-87302C Datasheet
132Kb / 4P
Hybrid Power Dividers
logo
Alpha Wire
87303 ALPHAWIRE-87303 Datasheet
98Kb / 4P
Customer Specification
3/17/2023
logo
Integrated Circuit Syst...
873033AL ICST-873033AL Datasheet
260Kb / 16P
HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
More results

Similar Description - 8730HT

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8686 3M-8686 Datasheet
103Kb / 2P
3M Polyurethane Protective Tape
8667HS 3M-8667HS Datasheet
412Kb / 2P
3M??Polyurethane Protective Tape 8667HS
8664HS 3M-8664HS Datasheet
428Kb / 2P
3M??Polyurethane Protective Tape 8664HS
8663HS 3M-8663HS Datasheet
428Kb / 2P
3M??Polyurethane Protective Tape 8663HS
8657DL 3M-8657DL Datasheet
344Kb / 2P
3M??Polyurethane Protective Tape 8657DL
8560 3M-8560 Datasheet
330Kb / 2P
3M??Polyurethane Protective Tape 8560
8542 3M-8542 Datasheet
417Kb / 2P
3M??Polyurethane Protective Tape
8681HS 3M-8681HS Datasheet
428Kb / 2P
3M??Polyurethane Protective Tape 8681HS
8663 3M-8663 Datasheet
344Kb / 2P
3M??Polyurethane Protective Tape
8545HS 3M-8545HS Datasheet
343Kb / 2P
3M??Polyurethane Protective Tape 8545HS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com