Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3952 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3952
Description  3M™ Surface Protection Film 3952
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3952 Datasheet(HTML) 1 Page - 3M Electronics

  3952 Datasheet HTML 1Page - 3M Electronics 3952 Datasheet HTML 2Page - 3M Electronics 3952 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
June 2018
3M™ Surface Protection Film 3952
Technical Data Sheet
Product Description
3M™ Surface Protection Film 3952 is a fluoropolymer film that provides a high performance, low surface energy
coating solution for paint replacement and specialized surface protection for both indoor and outdoor applications.
3M 3952 Film is inherently resistant to moisture, chemicals, and environmental agents offering excellent substrate
protection as well as providing long term color stability. 3M 3952 Film is provided without liners and is best suited for
composite co-curing applications. The film is available in gray.
Typical Physical Properties and Performance Characteristics
1. The following technical information and data should be considered repetitive of typical only and should not
be used for specification purposes.
2. ASTM = American Society of Testing and Materials.
3. Metric values are listed in parenthesis.
Dimensions
Approximate applied Thickness
0.004 inch (0.1 mm)
Standard Roll Length
36 yd (32.9 m)
Available Widths
12 inch to 24 inch (30.48 cm to 61 cm)
Approximate Weight*
0.37 lb/yd2 (18 kg/m2)
Typical Physical Properties and Performance Characteristics:
Property
Test Method
Units U.S. (SI)
Typical Value
Tensil Strength @ Break
ASTM D882
Psi (Mpa)
3900 (27)
Elongation % @ Break
ASTM D882
%
500
Dielectric Strength
ASTM149
Volts/mil (kV/mm)
1200 (47)
Volume Resistivity
ASTM D257
Ohms-cm
1.7 x 1012
Dielectric Constant @ 5.6 GHz
See NIST
Technical Note
1512
None
2.9
Dissipation Factor @ 5.6 GHz
See NIST
Technical Note
1512
None
0.058
Oxygen Transmission Rate
ASTM D3895[1]
Cm3/m2/day
(mol/m2/s)
1210 (6.2 x 10-7)
Oxygen Permeance
ASTM D3895[1]
Cm3/m2/day/atm
(mol/m2/s/Pa)
1210 (6.1 x 10-12)
Water Vapor Transmission Rate
ASTM F1249[2]
g/100 in2/day
(g/m2/day)
0.46 (7.2)
Max. Service Temperature
°F (°C)
250°F (121°C)
[1]Sample area 10.0 cm2; 25.0°C; 40% relative humidity; 100% O2.
[2]Sample area 10.0 cm2; 37.8°C; 90% relative humidity.


Similar Part No. - 3952

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
FULL-BRIDGE PWM MOTOR DRIVER
logo
Belden Inc.
3952 BELDEN-3952 Datasheet
492Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
MolexKits
39520-0002 MOLEXKITS-39520-0002 Datasheet
37Kb / 2P
Pluggable PCB Vertical and Right Angle Header and Plug
logo
Molex Electronics Ltd.
39520-0002 MOLEX11-39520-0002 Datasheet
40Kb / 1P
5.00mm Pitch Eurostyle Vertical Plug
logo
MolexKits
39520-0003 MOLEXKITS-39520-0003 Datasheet
37Kb / 2P
Pluggable PCB Vertical and Right Angle Header and Plug
More results

Similar Description - 3952

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7071UV 3M-7071UV Datasheet
338Kb / 2P
3M Industrial Protective Film
Jan-2017
5498 3M-5498 Datasheet
131Kb / 5P
3M™ PTFE Film Tape 5498
Nov-2015
605 3M-605 Datasheet
571Kb / 5P
3M??Scotch짰 Transparent Film Tape
AF131-2 3M-AF131-2 Datasheet
20Kb / 4P
3M Scotch-WeldTM Bonding Film
Jun-2002
AF536 3M-AF536 Datasheet
363Kb / 3P
3M™ Scotch-Weld™ Composite Surfacing and Lightning Protection Film
Jul-2019
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
865X 3M-865X Datasheet
989Kb / 4P
3M™ Lapping Film 865X For Final Polishing of Fiber Optic Connectors
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com