Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

784F Datasheet(PDF) 1 Page - 3M Electronics

Part # 784F
Description  3M??Cubitron??II Cloth Belt 784F
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

784F Datasheet(HTML) 1 Page - 3M Electronics

  784F Datasheet HTML 1Page - 3M Electronics 784F Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M™ Cubitron™ II Cloth Belt 784F
Technical Data Sheet
1. 3M I.D. Number: 784F
2. Mineral: 3M-Proprietary Ceramic Precision Shaped Grain (PSG)
Grades Available: (36+, 50+, 60+, 80+, 120+, 150+, & 180+)
3. Backing: Polyester Y-wt. (36+, 50+, 60+ 80+) Polyester X-wt. (120+,150+
& 180+)
4. Bond: Resin Bond
5. Available Forms: Belts
6. Identification: Stock numbers will vary based on the grade of the product.
7. Recommended (Ideal) Storage Conditions: Temperatures 60-80° F,
Relative Humidity 35-50%.
8. Applications: 3M 784F polyester belt is specifically designed for dry or wet
metal grinding, in a medium pressure application. The types of applications
that the 784F belt is best suited for are; flat finishing (belts up to 52” wide),
backstands (soft to hard contact wheels and slack of belt), cylindrical &
centerless, small bench grinders, inline sanders and file belts.
9. Safety: Please reference the following industry standards: 1) American
National Standards Institute (ANSI) B7.7 “Safety Requirements for Abrading
Materials with Coated Abrasive Systems” or; 2) Federation of European
Producers of Abrasives (FEPA) “Safety Recommendations for the Use of
Coated Abrasives (56-96)”.


Similar Part No. - 784F

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
784 ALPHAWIRE-784 Datasheet
379Kb / 2P
RoHS-Compliant Commencing With 6/1/2003 Production
logo
WAGO Kontakttechnik Gmb...
784-607-999-950 WAGO-784-607-999-950 Datasheet
486Kb / 14P
2-conductor ground terminal block; 10 mm²; suitable for Ex e II applications
29.12.20211
784-607/999-950 WAGO-784-607/999-950 Datasheet
486Kb / 14P
2-conductor ground terminal block; 10 mm²; suitable for Ex e II applications
29.12.20211
logo
Honeywell Accelerometer...
78400 HONEYWELL-ACC-78400 Datasheet
127Kb / 2P
Set Points from 0.5 to 150 psi
logo
Honeywell Solid State E...
78400 HONEYWELL-78400 Datasheet
127Kb / 2P
Extended Duty Pressure Switch With Direct Action Blade Contacts
More results

Similar Description - 784F

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74273701 WURTH-74273701 Datasheet
207Kb / 2P
Earthing Belt
74273702 WURTH-74273702 Datasheet
207Kb / 2P
Earthing Belt
74273703 WURTH-74273703 Datasheet
203Kb / 2P
Earthing Belt
74273711 WURTH-74273711 Datasheet
205Kb / 2P
Earthing Belt
74273712 WURTH-74273712 Datasheet
207Kb / 2P
Earthing Belt
logo
3M Electronics
1500 3M-1500 Datasheet
175Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
398FR 3M-398FR Datasheet
14Kb / 2P
Glass Cloth Tape
06-Feb-2003
6910 3M-6910 Datasheet
14Kb / 2P
Cloth Gaffers Tape
3650 3M-3650 Datasheet
14Kb / 2P
Thermosetable Glass Cloth Tapes
May-2003
390 3M-390 Datasheet
572Kb / 5P
3M™ Scotch® Polyethylene Coated Cloth Tape
Nov-2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com