Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4255 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4255
Description  Quad Network Power Controller with I2C Compatible Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4255 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4255 Datasheet HTML 3Page - Linear Technology LTC4255 Datasheet HTML 4Page - Linear Technology LTC4255 Datasheet HTML 5Page - Linear Technology LTC4255 Datasheet HTML 6Page - Linear Technology LTC4255 Datasheet HTML 7Page - Linear Technology LTC4255 Datasheet HTML 8Page - Linear Technology LTC4255 Datasheet HTML 9Page - Linear Technology LTC4255 Datasheet HTML 10Page - Linear Technology LTC4255 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC4255
7
4255f
B4: Current Limit Timer Select Bit 0. The current limit
timer select bits configure tCL, the time a current limit must
be sustained before a short-circuit fault occurs. (See tCL in
AC Characteristics.)
B5: Current Limit Timer Select Bit 1. The current limit
timer select bits configure tCL, the time a current limit must
be sustained before a short-circuit fault occurs. (See tCL in
AC Characteristics.)
B6: Open-Circuit Enable Delay Timer Select Bit 0. The
open-circuit enable delay timer select bits configure tOCD,
the time following a Power_OK condition when no open-
circuit faults will be generated. ( See tOCD, in AC Charac-
teristics.)
B7: Open-Circuit Enable Delay Timer Select Bit 1. The
open-circuit enable delay timer select bits configure tOCD,
the time following a Power_OK condition when no open-
circuit faults will be generated. ( See tOCD, in AC Charac-
teristics.)
The default setting is all bits set low.
Register 3: Status Register 1 (Read Only)
C0: Power_OK for Port 1. Logic high indicates switch 1
is on.
C1: Power_OK for Port 2. Logic high indicates switch 2
is on.
C2: Power_OK for Port 3. Logic high indicates switch 3
is on.
C3: Power_OK for Port 4. Logic high indicates switch 4
is on.
C4: Reserved. Logic high.
C5: Reserved. Logic low.
C6: Reserved. Logic low.
C7: Reserved. Logic low.
Register 1: Control Register ( Write Only)
A0: Switch 1 Enable. Logic high turns on Port 1 switch,
logic low turns off the Port 1 switch.
A1: Switch 2 Enable. Logic high turns on Port 2 switch,
logic low turns off Port 2 switch.
A2: Switch 3 Enable. Logic high turns on Port 3 switch,
logic low turns off Port 3 switch.
A3: Switch 4 Enable. Logic high turns on Port 4 switch,
logic low turns off Port 4 switch.
A4: Relay 1 Enable. Logic high turns on Port 1 relay, logic
low turns off Port 1 relay.
A5: Relay 2 Enable. Logic high turns on Port 2 relay, logic
low turns off Port 2 relay.
A6: Relay 3 Enable. Logic high turns on Port 3 relay, logic
low turns off Port 3 relay.
A7: Relay 4 Enable. Logic high turns on Port 4 relay, logic
low turns off Port 4 relay.
The default setting is all bits set low.
Register 2: Setup Register (Write Only)
B0: Fault Clear Bit. Logic high clears any fault bits that are
set.
B1: Autoretry Enable Bit. Logic high enables autoretry
following short-circuit faults. Logic low disables autoretry.
B2: Open-Circuit Detect Enable Bit. Logic high enables and
logic low disables open-circuit fault detection.
B3: Retry Duty Cycle Select Bit. Logic high sets the
autoretry duty cycle to 6%. Logic low sets the autoretry
duty cycle to 0.83%. When autoretry is not enabled (B1 =
low), the switch turn-on after A0 to A3 are set to high will
be delayed to enforce the selected retry duty cycle.
REGISTER DEFI ITIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com