Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA375 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA375 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA375 Datasheet HTML 12Page - Texas Instruments OPA375 Datasheet HTML 13Page - Texas Instruments OPA375 Datasheet HTML 14Page - Texas Instruments OPA375 Datasheet HTML 15Page - Texas Instruments OPA375 Datasheet HTML 16Page - Texas Instruments OPA375 Datasheet HTML 17Page - Texas Instruments OPA375 Datasheet HTML 18Page - Texas Instruments OPA375 Datasheet HTML 19Page - Texas Instruments OPA375 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
Temperature (qC)
-50
0
50
100
150
-100
-80
-60
-40
-20
0
20
40
60
80
100
D034
Sourcing
Sinking
Frequency (Hz)
0
1
2
3
4
5
6
1
10
100
1k
10k
100k
1M
10M
100M
D035
VS = 1.8 V
VS = 5.5 V
Time (0.2 Ps/div)
D032
Time (0.1 Ps/div)
D033
Time (2 Ps/div)
D031
VIN
VOUT
Time (1 Ps/div)
D030
VIN
VOUT
16
OPA375, OPA2375
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics: OPA375 (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
VS = 1.8 V
VICM = 0.9 V
VOCM = 0.9 V
CL = 30 pF
Gain = 1
VIN = 100 mVpp
Figure 31. Small-Signal Step Response
VS = 5.5 V
VOCM = 2.75 V
CL = 10 pF
VICM = 2.75 V
Gain = 1
2-V step
Figure 32. Large Signal Step Response
VS = 5.5 V
VICM = 2.75 V
VOCM = 2.75 V
CL = 0
Gain = 1
5-V step
Figure 33. Large Signal Settling Time (Positive)
VS = 5.5 V
VICM = 2.75 V
VOCM = 2.75 V
CL = 0
Gain = 1
5-V step
Figure 34. Large Signal Settling Time (Negative)
Figure 35. Short-Circuit Current vs Temperature
VICM = VS / 2
VOCM = VS / 2
CL = 10 pF
Gain = 1
Figure 36. Maximum Output Voltage vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com