Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2375IDDFR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2375IDDFR
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2375IDDFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA2375IDDFR Datasheet HTML 9Page - Texas Instruments OPA2375IDDFR Datasheet HTML 10Page - Texas Instruments OPA2375IDDFR Datasheet HTML 11Page - Texas Instruments OPA2375IDDFR Datasheet HTML 12Page - Texas Instruments OPA2375IDDFR Datasheet HTML 13Page - Texas Instruments OPA2375IDDFR Datasheet HTML 14Page - Texas Instruments OPA2375IDDFR Datasheet HTML 15Page - Texas Instruments OPA2375IDDFR Datasheet HTML 16Page - Texas Instruments OPA2375IDDFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
Frequency (Hz)
-105
-103
-101
-99
-97
-95
100
1k
10k
D017
Frequency (Hz)
-105
-103
-101
-99
-97
-95
100
1k
10k
D017
Time (1 s/div)
D014
Frequency (Hz)
1
10
100
10
100
1k
10k
100k
D015
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
120
1k
10k
100k
1M
D011
Temperature (qC)
-50
0
50
100
150
-10
-5
0
5
10
D012
13
OPA375, OPA2375
www.ti.com
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics: OPA375 (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
Figure 13. CMRR vs Frequency (Referred to Input)
VS = 5.5 V
TA = –40°C to
125°C
VCM = 0 V to 4.3
V
Figure 14. CMRR vs Temperature
Figure 15. 0.1-Hz to 10-Hz Flicker Noise
Figure 16. Input Voltage Noise Spectral Density vs
Frequency
VS = 5.5 V
VICM = 2.5 V
RL = 2 kΩ
Gain = 1
BW = 80 kHz
VOUT = 0.5 Vrms
Figure 17. THD + N vs Frequency
VS = 5.5 V
VICM = 2.5 V
RL = 10 kΩ
Gain = 1
BW = 80 kHz
VOUT = 0.5 Vrms
Figure 18. THD + N vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com