Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCSC801 Datasheet(PDF) 1 Page - Schneider Electric

Part # XCSC801
Description  metal safety switch XCSC - 3 NC - slow break - 1 entry tapped Pg 13
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSC801 Datasheet(HTML) 1 Page - Schneider Electric

  XCSC801 Datasheet HTML 1Page - Schneider Electric XCSC801 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jan 29, 2021
1
Product data sheet
Characteristics
XCSC801
metal safety switch XCSC - 3 NC - slow break -
1 entry tapped Pg 13
Main
Range of product
Preventa Safety detection
Product or component
type
Safety switch
Component name
XCSC
Design
Industrial
Material
Metal
Head type
Key operated turret head
Contacts type and
composition
3 NC
Contact operation
Slow-break, simultaneous
Cable entry
1 entry tapped for Pg 13.5
Cable outer diameter
9…12 mm
Electrical connection
Terminal, clamping capacity: 1 x 0.5...2 x 1.5 mm²
with or without cable end
Number of poles
3
Locking options
description
With locking of actuator, unlocking by key operated
lock
Local signalling
Without
Complementary
Positive opening
With NC contact
Mechanical durability
600000 cycles
Minimum actuation speed
0.01 m/s
Maximum actuation speed
0.5 m/s
[Ie] rated operational current
6 A at 120 V, AC-15, A300 conforming to EN/IEC 60947-5-1
3 A at 240 V, AC-15, A300 conforming to EN/IEC 60947-5-1
0.55 A at 125 V, DC-13, Q300 conforming to EN/IEC 60947-5-1
0.27 A at 250 V, DC-13, Q300 conforming to EN/IEC 60947-5-1
[Ithe] conventional enclosed thermal current
10 A
[Ui] rated insulation voltage
300 V conforming to UL 508
500 V conforming to EN/IEC 60947-1
300 V conforming to CSA C22.2 No 14
[Uimp] rated impulse withstand voltage
6 kV EN/IEC 60947-5-1
Short-circuit protection
10 A cartridge fuse type gG (gl)
Actuator forcible withdrawal rtc
1500 N
Minimum actuator force for extraction
20 N
Maximum operating rate
10 cyc/mn for maximum durability
Safety level
Can reach category 4 with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach PL = e with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach SIL 3 with the appropriate monitoring system and correctly wired
conforming to EN/IEC 61508
Safety reliability data
B10d = 5000000 value given for a life time of 20 years limited by mechanical or
contact wear
Body material
Zamak
Head material
Zamak
Depth
44 mm
Height
114 mm
Width
52 mm
Net weight
0.48 kg


Similar Part No. - XCSC801

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSC802 SCHNEIDER-XCSC802 Datasheet
113Kb / 2P
metal safety switch XCSC - 3 NC - slow break - 1 entry tapped M20
Jan 29, 2021
XCSC803 SCHNEIDER-XCSC803 Datasheet
107Kb / 2P
metal safety switch XCSC - 3 NC - slow break - 1 entry tapped 1/2" NPT
Jan 29, 2021
More results

Similar Description - XCSC801

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSA801 SCHNEIDER-XCSA801 Datasheet
69Kb / 2P
metal safety switch XCSA - 3 NC - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSB801 SCHNEIDER-XCSB801 Datasheet
107Kb / 2P
metal safety switch XCSB - 3 NC - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSC501 SCHNEIDER-XCSC501 Datasheet
114Kb / 2P
metal safety switch XCSC - 1 NC 2 NO - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSC511 SCHNEIDER-XCSC511 Datasheet
109Kb / 2P
metal safety switch XCSC - 1 NC 2 NO - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSC521 SCHNEIDER-XCSC521 Datasheet
109Kb / 2P
metal safety switch XCSC - 1 NC 2 NO - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSC701 SCHNEIDER-XCSC701 Datasheet
114Kb / 2P
metal safety switch XCSC - 2 NC 1 NO - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSC711 SCHNEIDER-XCSC711 Datasheet
109Kb / 2P
metal safety switch XCSC - 2 NC 1 NO - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSC721 SCHNEIDER-XCSC721 Datasheet
111Kb / 2P
metal safety switch XCSC - 2 NC 1 NO - slow break - 1 entry tapped Pg 13
NOV 30, 2021
XCSC802 SCHNEIDER-XCSC802 Datasheet
113Kb / 2P
metal safety switch XCSC - 3 NC - slow break - 1 entry tapped M20
Jan 29, 2021
XCSC803 SCHNEIDER-XCSC803 Datasheet
107Kb / 2P
metal safety switch XCSC - 3 NC - slow break - 1 entry tapped 1/2" NPT
Jan 29, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com