Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3123 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSSC3123
Description  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSSC3123 Datasheet HTML 1Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 2Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 3Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3123 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
ZSSC3123 Datasheet
© 2018 Integrated Device Technology, Inc.
2
August 16, 2018
Block Diagram
ZSSC3123 cLite Capacitive Sensor Signal Conditioner
Digital Core
Analog Core
Sensor
C0
C1
(Optional)
Output
Communication
MUX
C0
CC
C1
VSS
VDD (2.3V to 5.5V)
Temp
Sensor
CLK/Reset
C/A
D
CDC
Ref
Cap
Offset
Cap
SCL/SCLK
SDA/MISO
Ready/PDM_C
Alarm_Low/PDM_T
SS
Alarm_High
Ready
PDM
I2C / SPI
Low Alarm
High Alarm
EEPROM
ROM
DSP
0.1µF
0.1µF
Vcore
Application: Analog Output
Application: Differential Capacitance Input
VSUPPLY
(+2.3V to 5.5V)
GND
0.1µF
VDD
Vcore
VSS
C0
CC
cLite
ZSSC3123
0.1µF
Cap.
Analog
Output
LED
PDM_C
PDM_T
Alar m_High
Temp
Analog
Output
VSUPPLY
(+2.3V to 5.5V)
GND
0.1µF
VDD
Vcore
Ready
VSS
SDA/MIS O
SCL/SCLK
C0
SS
Alar m_High
C1
Alar m_Low
cLite
ZSSC3123
0.1µF
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com