Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3138 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ZSSC3138
Description  Sensor Signal Conditioner for Ceramic Sensor Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3138 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ZSSC3138 Datasheet HTML 18Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 19Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 20Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 21Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 22Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 23Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 24Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 25Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 26Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
ZSSC3138 Datasheet
© 2016 Integrated Device Technology, Inc.
22
January 25, 2016
5
ESD Protection
All pins have an ESD protection of >2000V according to the Human Body Model (HBM). The pins VDDE, VSSE
and AOUT have an additional ESD protection of >4000V (HBM).
ESD protection is tested with devices in SSOP14 packages during product qualification. The ESD test follows the
Human Body Model with 1.5kOhm/100pF based on MIL 883, Method 3015.7.
6
Quality and Reliability
The ZSSC3138 is qualified according to the AEC-Q100 standard, operating temperature grade 0.
A fit rate <5fit (T=55°C, S=60%) is guaranteed. A typical fit rate of the semiconductor technology used is 2.5fit.
7
Customization
For high-volume applications that require an upgraded or downgraded functionality compared to the ZSSC3138,
IDT can customize the circuit design by adding or removing certain functional blocks.
Please contact IDT for further information.
8
Ordering Information
Product Sales Code
Description
Package
ZSSC3138BA2T
ZSSC3138 SSOP14 – temperature range -40 to +125°C
Tube
ZSSC3138BA2R
ZSSC3138 SSOP14 – temperature range -40 to +125°C
Reel
ZSSC3138BA1B
ZSSC3138 die – temperature range -40 to +125°C
Tested dice on unsawn
wafer
ZSSC3138BA1C
ZSSC3138 die – temperature range -40 to +125°C
Tested dice on frame
ZSSC3138BE2T
ZSSC3138 SSOP14 – temperature range -40 to +150°C
Tube
ZSSC3138BE2R
ZSSC3138 SSOP14 – temperature range -40 to +150°C
Reel
ZSSC3138BE1B
ZSSC3138 die – temperature range -40 to +150°C
Tested dice on unsawn wafer
ZSSC3138BE1C
ZSSC3138 die – temperature range -40 to +150°C
Tested dice on frame
ZSSC313xKITV1.1
ZSSC313x Evaluation Kit, revision 1.1, including Evaluation Board,
ZSSC3138 IC samples, USB cable
Kit
ZSSC313x Mass
Calibration System V1.1
Modular Mass Calibration System (MSC) for ZSSC313x including
MCS boards, cable, connectors
Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com